Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DC19D Fiches technique(PDF) 26 Page - Microchip Technology

No de pièce DC19D
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DC19D Fiches technique(HTML) 26 Page - Microchip Technology

Back Button DC19D Datasheet HTML 22Page - Microchip Technology DC19D Datasheet HTML 23Page - Microchip Technology DC19D Datasheet HTML 24Page - Microchip Technology DC19D Datasheet HTML 25Page - Microchip Technology DC19D Datasheet HTML 26Page - Microchip Technology DC19D Datasheet HTML 27Page - Microchip Technology DC19D Datasheet HTML 28Page - Microchip Technology DC19D Datasheet HTML 29Page - Microchip Technology DC19D Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 26
 2016-2018 Microchip Technology Inc.
RP0
4
1
21
23
I/O
DIG/ST Remappable Peripherals
(input or output)
RP1
5
2
22
24
I/O
DIG/ST
RP2
6
3
23
25
I/O
DIG/ST
RP3
7
4
24
26
I/O
DIG/ST
RP4
11
8
33
36
I/O
DIG/ST
RP5
14
11
41
45
I/O
DIG/ST
RP6
15
12
42
46
I/O
DIG/ST
RP7
16
13
43
47
I/O
DIG/ST
RP8
17
14
44
48
I/O
DIG/ST
RP9
18
15
1
1
I/O
DIG/ST
RP10
21
18
8
9
I/O
DIG/ST
RP11
22
19
9
10
I/O
DIG/ST
RP12
23
20
10
11
I/O
DIG/ST
RP13
24
21
11
12
I/O
DIG/ST
RP14
25
22
14
15
I/O
DIG/ST
RP15
26
23
15
16
I/O
DIG/ST
RP16
—
—
25
27
I/O
DIG/ST
RP17
—
—
26
28
I/O
DIG/ST
RP18
—
—
27
29
I/O
DIG/ST
RP19
—
—
36
39
I/O
DIG/ST
RP20
—
—
37
40
I/O
DIG/ST
RP21
—
—
38
41
I/O
DIG/ST
RP22
—
—
2
2
I/O
DIG/ST
RP23
—
—
3
3
I/O
DIG/ST
RP24
—
—
4
4
I/O
DIG/ST
RP25
—
—
5
5
I/O
DIG/ST
RP26
2
27
19
21
I/O
DIG/ST
RP27
3
28
20
22
I/O
DIG/ST
RP28
—
—
12
13
I/O
DIG/ST
RPI29
—
—
—
8
I
DIG/ST Remappable Peripherals
(input only)
RPI30
—
—
—
20
I
DIG/ST
RPI31
—
—
—
32
I
DIG/ST
RPI32
—
—
—
44
I
DIG/ST
TABLE 1-3:
PIC24FJ256GA705 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Pin
Function
Pin Number/Grid Locator
I/O
Input
Buffer
Description
28-Pin SOIC,
SSOP, SPDIP
28-Pin QFN,
UQFN
44-Pin
TQFP
48-Pin
UQFN/TQFP
Legend:
TTL = TTL input buffer
ST = Schmitt Trigger input buffer
ANA = Analog level input/output
I2C = I2C/SMBus input buffer
DIG = Digital input/output
XCVR = Dedicated Transceiver