| Moteur de recherche de fiches techniques de composants électroniques |
|
GP321015-CSC3 Fiches technique(PDF) 1 Page - CT Micro International Corporation |
|
|
|||||||||||||||||||||||||||||
GP321015-CSC3 Fiches technique(HTML) 1 Page - CT Micro International Corporation |
|
1 / 10 page ![]() CT Micro Rev 3 Proprietary & Confidential Page 1 Jan, 2021 GP321015-CSC3 SMD Type Green Emitter Package Outline Schematic Features Side view 1204 package Viewing Angle = 600 Compatible with infrared and vapor phase reflow solder process High reliability Ultra bright Green RoHS compliance Applications Optical indicator. Switch and Symbol Display. Description The GP321015-CSC3 is an AlGaInP Green LED housed in a miniature SMD package. The device has a dominant wavelength of 530 nm LED. Anode Cathode |
Numéro de pièce similaire - GP321015-CSC3 |
|
Description similaire - GP321015-CSC3 |