| Moteur de recherche de fiches techniques de composants électroniques |
|
CTH247 Fiches technique(PDF) 8 Page - CT Micro International Corporation |
|
|
|||||||||||||||||||||||||||||
CTH247 Fiches technique(HTML) 8 Page - CT Micro International Corporation |
|
8 / 12 page ![]() CTH247 Series DC Input 16-Pin Half Pitch Mini-Flat DMC-Isolator® Phototransistor Optocoupler www.ct-micro.com © 2022 CT MICRO INTERNATIONAL CORPORATION Rev.2 ALL RIGHTS RESERVED. Page 8 Mar, 2022 Ordering Information CTH247X (V)(Z) CT = D enotes “CT Micro” H247 = Product Number X = CTR Rank Option (Blank, A, B or C) V = VDE Safety Mark Option (Blank or V) Z = Tape and Reel Option (T1 or T2) Option Description Quantity T1 Surface Mount Lead Forming – With Option 1 Taping 2000 Units/Reel T2 Surface Mount Lead Forming – With Option 1 Taping 2000 Units/Reel Reel Dimension All dimensions are in mm, unless otherwise stated |