| Moteur de recherche de fiches techniques de composants électroniques |
|
MN1381-RTA Fiches technique(PDF) 10 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
MN1381-RTA Fiches technique(HTML) 10 Page - Panasonic Semiconductor |
|
10 / 20 page ![]() 10 MN1380 Series Microcomputer Peripheral LSIs Application Circuit Example Connect resistors, capacitors, and the like only to the output pin on the MN1380 series element. Note that connect- ing them to the Power source pins changes VDH, VDL, and ∆VD. Sample Circuit 1 Sample Circuit 2 Select the values of R and C to match the application. VDD OUT C MN1380 Series VDD OUT C MN1380 Series R |