Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-EJ26-R2000 Fiches technique(PDF) 17 Page - Broadcom Corporation.

No de pièce HLMP-EJ26-R2000
Description  T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOARDCOM [Broadcom Corporation.]
Site Internet  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HLMP-EJ26-R2000 Fiches technique(HTML) 17 Page - Broadcom Corporation.

Back Button HLMP-EJ26-R2000 Datasheet HTML 10Page - Broadcom Corporation. HLMP-EJ26-R2000 Datasheet HTML 11Page - Broadcom Corporation. HLMP-EJ26-R2000 Datasheet HTML 12Page - Broadcom Corporation. HLMP-EJ26-R2000 Datasheet HTML 13Page - Broadcom Corporation. HLMP-EJ26-R2000 Datasheet HTML 14Page - Broadcom Corporation. HLMP-EJ26-R2000 Datasheet HTML 15Page - Broadcom Corporation. HLMP-EJ26-R2000 Datasheet HTML 16Page - Broadcom Corporation. HLMP-EJ26-R2000 Datasheet HTML 17Page - Broadcom Corporation. HLMP-EJ26-R2000 Datasheet HTML 18Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
HLMP-ELxx, HLMP-EHxx, HLMP-EJxx, HLMP-EGxx Data Sheet
T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
Broadcom
AV02-0373EN
17
Acronyms and Definitions
BIN:
(i) Color bin only or VF bin only
Applicable for part number with color bins but without VF
bin OR part number with VF bins and no color bin
OR
(ii) Color bin incorporated with VF Bin
Applicable for part number that have both color bin and
VF bin
Example:
(i) Color bin only or VF bin only
– BIN: 2 (represent color bin 2 only)
– BIN: VB (represent VF bin “VB” only)
(ii) Color bin incorporate with VF Bin
– BIN: 2VB, where:
2 is color bin 2 only
VB is VF bin "VB"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18