Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC2T45 Fiches technique(PDF) 14 Page - Diodes Incorporated

No de pièce 74LVC2T45
Description  DUAL BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2T45 Fiches technique(HTML) 14 Page - Diodes Incorporated

Back Button 74LVC2T45 Datasheet HTML 7Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 8Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 9Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 10Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 11Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 12Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 13Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 14Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
74LVC2T45
Document number: DS43360 Rev. 1 - 2
14 of 15
www.diodes.com
January 2021
© Diodes Incorporated
74LVC2T45
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
X2-DFN1210-8
Dimensions
Value
(in mm)
C
0.300
G
0.150
X
0.150
X1
1.050
Y
0.500
Y1
1.150
X2-DFN1410-8
Dimensions
Value
(in mm)
C
0.350
X
0.200
X1
1.250
Y
0.600
Y1
0.650
Y2
1.400
Mechanical Data
X2-DFN1210-8
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - NiPdAu Nickel Palladium Gold, Solderable per MIL-STD-202, Method 208
Weight: 0.002 grams (Approximate)
X2-DFN1410-8
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - NiPdAu Nickel Palladium Gold, Solderable per MIL-STD-202, Method 208
Weight: 0.002 grams (Approximate)
X1
Y1
C
X
Y
G
1
X1
Y2
Y
Y
Y1
X
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15