Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E3JK-R4S3-2M Fiches technique(PDF) 3 Page - Omron Electronics LLC

No de pièce E3JK-R4S3-2M
Description  Built-in Power Supply Photoelectric Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3JK-R4S3-2M Fiches technique(HTML) 3 Page - Omron Electronics LLC

  E3JK-R4S3-2M Datasheet HTML 1Page - Omron Electronics LLC E3JK-R4S3-2M Datasheet HTML 2Page - Omron Electronics LLC E3JK-R4S3-2M Datasheet HTML 3Page - Omron Electronics LLC E3JK-R4S3-2M Datasheet HTML 4Page - Omron Electronics LLC E3JK-R4S3-2M Datasheet HTML 5Page - Omron Electronics LLC E3JK-R4S3-2M Datasheet HTML 6Page - Omron Electronics LLC E3JK-R4S3-2M Datasheet HTML 7Page - Omron Electronics LLC E3JK-R4S3-2M Datasheet HTML 8Page - Omron Electronics LLC E3JK-R4S3-2M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
E3JM/E3JK
Mounting Bracket
Some Mounting Brackets are provided with the Sensor. Order other Mounting Brackets separately if required. (Refer to E39-L/F39-L/E39-S/E39-R)
Note: 1. When using a Through-beam Sensor, order one Connector for the Receiver and one for the Emitter.
2. Refer to Mounting Brackets on E39-L/F39-L/E39-S/E39-R for details.
Appearance
Model
Quantity
Remarks
E39-L53
1
Provided with the E3JM.
E39-L40
1
Provided with the E3JK.
E39-L51
1
Mounting Bracket designed for changing
from he E3A-M, E3A2, E3A3, OA-5, or
OA-5N to the E3JM.
Free Datasheet http://www.datasheetlist.com/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13