Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZMMHS Fiches technique(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

No de pièce ZMMHS
Description  ZMM…HS Series Silicon Epitaxial Planar Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Site Internet  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ZMMHS Fiches technique(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  ZMMHS Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ZMMHS Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ZMMHS Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. ZMMHS Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dated : 18/07/2009
®
SEMTECH ELECTRONICS LTD.
Subsidiary of Sino-Tech International (BVI) Limited
ZMM…HS Series
Characteristics at Ta = 25 OC
Type
Zener Voltage
1)
Dynamic Resistance
Reverse Leakage Current
VZ
at lZT
ZZT
at lZT
IR
at VR
Min. (V)
Max. (V)
(mA)
Max. (Ω)
(mA)
Max. (µA)
(V)
ZMM3V3HS
3.16
3.53
5
120
5
20
1
ZMM3V3HSA
3.16
3.38
5
120
5
20
1
ZMM3V3HSB
3.32
3.53
5
120
5
20
1
ZMM3V6HS
3.47
3.83
5
120
5
10
1
ZMM3V6HSA
3.47
3.68
5
120
5
10
1
ZMM3V6HSB
3.62
3.83
5
120
5
10
1
ZMM3V9HS
3.77
4.14
5
120
5
5
1
ZMM3V9HSA
3.77
3.98
5
120
5
5
1
ZMM3V9HSB
3.92
4.14
5
120
5
5
1
ZMM4V3HS
4.05
4.53
5
120
5
5
1
ZMM4V3HSA
4.05
4.26
5
120
5
5
1
ZMM4V3HSB
4.2
4.4
5
120
5
5
1
ZMM4V3HSC
4.34
4.53
5
120
5
5
1
ZMM4V7HS
4.47
4.91
5
100
5
5
1
ZMM4V7HSA
4.47
4.65
5
100
5
5
1
ZMM4V7HSB
4.59
4.77
5
100
5
5
1
ZMM4V7HSC
4.71
4.91
5
100
5
5
1
ZMM5V1HS
4.85
5.35
5
70
5
5
1.5
ZMM5V1HSA
4.85
5.03
5
70
5
5
1.5
ZMM5V1HSB
4.97
5.18
5
70
5
5
1.5
ZMM5V1HSC
5.12
5.35
5
70
5
5
1.5
ZMM5V6HS
5.29
5.88
5
40
5
5
2.5
ZMM5V6HSA
5.29
5.52
5
40
5
5
2.5
ZMM5V6HSB
5.46
5.7
5
40
5
5
2.5
ZMM5V6HSC
5.64
5.88
5
40
5
5
2.5
ZMM6V2HS
5.81
6.4
5
30
5
5
3
ZMM6V2HSA
5.81
6.06
5
30
5
5
3
ZMM6V2HSB
5.99
6.24
5
30
5
5
3
ZMM6V2HSC
6.16
6.4
5
30
5
5
3
ZMM6V8HS
6.32
6.97
5
25
5
2
3.5
ZMM6V8HSA
6.32
6.59
5
25
5
2
3.5
ZMM6V8HSB
6.52
6.79
5
25
5
2
3.5
ZMM6V8HSC
6.7
6.97
5
25
5
2
3.5
ZMM7V5HS
6.88
7.64
5
25
5
0.5
4
ZMM7V5HSA
6.88
7.19
5
25
5
0.5
4
ZMM7V5HSB
7.11
7.41
5
25
5
0.5
4
ZMM7V5HSC
7.33
7.64
5
25
5
0.5
4
ZMM8V2HS
7.56
8.41
5
20
5
0.5
5
ZMM8V2HSA
7.56
7.9
5
20
5
0.5
5
ZMM8V2HSB
7.82
8.15
5
20
5
0.5
5
ZMM8V2HSC
8.07
8.41
5
20
5
0.5
5
ZMM9V1HS
8.33
9.29
5
20
5
0.5
6
ZMM9V1HSA
8.33
8.7
5
20
5
0.5
6
ZMM9V1HSB
8.61
8.99
5
20
5
0.5
6
ZMM9V1HSC
8.89
9.29
5
20
5
0.5
6



Html Pages

1 2 3 4