Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MN13812-R Fiches technique(PDF) 19 Page - Panasonic Semiconductor

No de pièce MN13812-R
Description  CMOS LSIs for Voltage Detection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN13812-R Fiches technique(HTML) 19 Page - Panasonic Semiconductor

Back Button MN13812-R Datasheet HTML 12Page - Panasonic Semiconductor MN13812-R Datasheet HTML 13Page - Panasonic Semiconductor MN13812-R Datasheet HTML 14Page - Panasonic Semiconductor MN13812-R Datasheet HTML 15Page - Panasonic Semiconductor MN13812-R Datasheet HTML 16Page - Panasonic Semiconductor MN13812-R Datasheet HTML 17Page - Panasonic Semiconductor MN13812-R Datasheet HTML 18Page - Panasonic Semiconductor MN13812-R Datasheet HTML 19Page - Panasonic Semiconductor MN13812-R Datasheet HTML 20Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
Microcomputer Peripheral LSIs
MN1380 Series
Embossed Taping Specifications for Mini Type Package (MN1382/MN13821/MN13822)
There is a choice of two orientations, TW and TX, for the product relative to the tape.
Figure 15. TW Orientation
Figure 16. TX Orientation
Figure 17. Embossed Taping Dimensions for Mini Type Package
Figure 18. Embossed Taping Reel Dimensions for Mini Type Package
Unit: mm
Unit: mm
3,000 packages per reel
Product orientation A is labeled TW; orientation B, TX.
A
B
ø1.5
+0.1
-0
4.0±0.1
3.2±0.1
4.0±0.1
t+0.3±0.1
ø21±0.8
10±1.5
2±0.5
TW
Tape feed hole
Drawing
direction
(Marking surface on top)
TX
Tape feed hole
Drawing
direction
(Marking surface on top)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20