Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PI5USB30216C Fiches technique(PDF) 4 Page - Diodes Incorporated

No de pièce PI5USB30216C
Description  Plug-in Detector for Type-C Connector
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB30216C Fiches technique(HTML) 4 Page - Diodes Incorporated

  PI5USB30216C Datasheet HTML 1Page - Diodes Incorporated PI5USB30216C Datasheet HTML 2Page - Diodes Incorporated PI5USB30216C Datasheet HTML 3Page - Diodes Incorporated PI5USB30216C Datasheet HTML 4Page - Diodes Incorporated PI5USB30216C Datasheet HTML 5Page - Diodes Incorporated PI5USB30216C Datasheet HTML 6Page - Diodes Incorporated PI5USB30216C Datasheet HTML 7Page - Diodes Incorporated PI5USB30216C Datasheet HTML 8Page - Diodes Incorporated PI5USB30216C Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
PI5USB30216C
www.diodes.com
June 2022
Document Number DS44976 Rev 1-2
4
©Diodes Incorporated
PI5USB30216C
Pin#
Pin Name
Type
Description
Hi-Z Low Medium
Low Low High
9
ID
O
Open drain output. Asserted low when CC pin detected device attachment when
port is a Host (or dual-role acting as Host), otherwise ID is hi-z.
10
GND
Ground
Ground
11
ENB
I
Active-low enable input pin (with internal weak pull up)
ENB=VDD – Disabled/Low Power State
ENB=GND – Enabled/Active State
12
VDD
Power
Positive supply voltage from VBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23