| Moteur de recherche de fiches techniques de composants électroniques |
|
CJ1H-CPU67H-R Fiches technique(PDF) 1 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
CJ1H-CPU67H-R Fiches technique(HTML) 1 Page - Omron Electronics LLC |
|
1 / 10 page ![]() CSM_CJ1G-CPU4_P_DS_E_5_3 1 CJ Series Loop CPU Unit CJ1G-CPU4 @P Integrated Loop Control and Sequence Control • Incorporate the engine for controlling analog values (e.g. temperature, pressure, flow rate) and the engine for executing sequence control in the CPU Unit. • Deliver high-speed sequence control and high-speed, advanced analog value control in a single Unit. Features • High-speed execution of function blocks for multi-loop control with an operation cycle of 10 ms • All functions achieved by using only function blocks (operation functions/designation of field input/output) • Almost all control types freely achieved by combining function blocks • Function blocks with high-speed execution • High-speed I/O refreshing with the CPU Unit using user link tables • Designate I/O memory in the CPU Unit using registered tags • Simulated software connections between function blocks • Specify the order of operations in function block diagrams • Easily create a SCADA interface with the HMI function CJ1G-CPU45P |
Numéro de pièce similaire - CJ1H-CPU67H-R |
|
Description similaire - CJ1H-CPU67H-R |