| Moteur de recherche de fiches techniques de composants électroniques |
|
CHIP_ID Fiches technique(PDF) 11 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
CHIP_ID Fiches technique(HTML) 11 Page - Omron Electronics LLC |
|
11 / 24 page ![]() [2SMPB-02E] Datasheet Rev.05(Jun.,2017) 11 Copyright 2017 OMRON Corporation. All Rights Reserved. ⑦ Correction pressure without temperature compensation can be calculated by using the below formula and the values of the step ② and ⑥. 3 2 2 2 2 3 21 12 2 2 11 1 1 00 Pr Dp bp Tr Dp b Tr Dp b Dp bp Tr bt Tr Dp b Dp bp Tr bt b Pr Calculation Result of Pressure [Pa] Tr Calculation Result of Temperature ( Tr/256 = Temperature [degreeC] ) Dp Raw Pressure Data [digit] ( 20-24bits measurement value of PRESS_TXDx Reg. ) b00 Compensation Coefficient of Pressure ( NVM resister: COE_b00_ex, COE_b00_0, COE_b00_1 ) bt1 Compensation Coefficient of Pressure ( NVM resister: COE_bt1_0, COE_bt1_1 ) bp1 Compensation Coefficient of Pressure ( NVM resister: COE_bp1_0, COE_bp1_1 ) b11 Compensation Coefficient of Pressure ( NVM resister: COE_b11_0, COE_b11_1 ) bt2 Compensation Coefficient of Pressure ( NVM resister: COE_bt2_0, COE_bt2_1 ) bp2 Compensation Coefficient of Pressure ( NVM resister: COE_bp2_0, COE_bp2_1 ) b12 Compensation Coefficient of Pressure ( NVM resister: COE_b12_0, COE_b12_1 ) b21 Compensation Coefficient of Pressure ( NVM resister: COE_b21_0, COE_b21_1 ) bp3 Compensation Coefficient of Pressure ( NVM resister: COE_bp3_0, COE_bp3_1 ) How to get compensation coefficients Each compensation coefficients can be calculated by using the below formula and conversion factors. 32767 OTP S A K ・・・a1,a2,bt1,bt2,bp1,b11,bp2,b12,b21,bp3 16 OTP K ・・・・・・・a0,b00 K Conversion factor OTP A S 23-16bit 15-8bit 7-0bit a1 -6.3E-03 4.3E-04 - COE_a1_1 COE_a1_0 a2 -1.9E-11 1.2E-10 - COE_a2_2 COE_a2_0 bt1 1.0E-01 9.1E-02 - COE_bt1_1 COE_bt1_0 bt2 1.2E-08 1.2E-06 - COE_bt2_1 COE_bt2_0 bp1 3.3E-02 1.9E-02 - COE_bp1_1 COE_bp1_0 b11 2.1E-07 1.4E-07 - COE_b11_1 COE_b11_0 bp2 -6.3E-10 3.5E-10 - COE_bp2_1 COE_bp2_0 b12 2.9E-13 7.6E-13 - COE_bp12_1 COE_bp12_0 b21 2.1E-15 1.2E-14 - COE_bp21_1 COE_bp21_0 bp3 1.3E-16 7.9E-17 - COE_bp3_1 COE_bp3_0 K Conversion factor OTP 19-12bit 11-4bit 3-0bit a0 Offset value (20Q16) COE_a0_1 COE_a0_0 COE_a0_ex b00 Offset value (20Q16) COE_b00_1 COE_b00_0 COE_b00_ex TEMP(PRESS)_TXDx : Temperature and Pressure data : TXD0, TXD1 or TXD2 This sensor holds ADC data with 22 to 24 bits accuracy. It can be obtained as each 24 bits data. If there are redundant data, the low order positions will be filled by zero (0). The shaded regions as shown below are valid data area. bit 24 23 22 ... 5 4 3 2 1 Note 22bits output D21 D20 D19 ... D2 D1 D0 0 0 Temp/Press_ave=001 23bits output D22 D21 D20 ... D3 D2 D1 D0 0 Temp/Press_ave=010 24bits output D23 D22 D21 ... D4 D3 D2 D1 D0 Temp/Press_ave=011~111 ※Dn(D23~ D0) : Sensor Data ……The value of n bit (1 or 0) ※The raw measurement values are unsigned 24bits values. The values need to do subtraction with 2 23 at 24bits output mode. Here is a programing example for Dt and Dp calculation. ) 23 , 2 ( ) 0 _ ( ) 8 ) 1 _ (( ) 16 ) 2 _ (( ) 23 , 2 ( ) 0 _ ( ) 8 ) 1 _ (( ) 16 ) 2 _ (( pow TXD PRESS TXD PRESS TXD PRESS Dp pow TXD TEMP TXD TEMP TXD TEMP Dt |