Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZSSC3123AI1C Fiches technique(PDF) 39 Page - Renesas Technology Corp

No de pièce ZSSC3123AI1C
Description  cLiteTM Capacitive Sensor Signal Conditioner
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3123AI1C Fiches technique(HTML) 39 Page - Renesas Technology Corp

Back Button ZSSC3123AI1C Datasheet HTML 35Page - Renesas Technology Corp ZSSC3123AI1C Datasheet HTML 36Page - Renesas Technology Corp ZSSC3123AI1C Datasheet HTML 37Page - Renesas Technology Corp ZSSC3123AI1C Datasheet HTML 38Page - Renesas Technology Corp ZSSC3123AI1C Datasheet HTML 39Page - Renesas Technology Corp ZSSC3123AI1C Datasheet HTML 40Page - Renesas Technology Corp ZSSC3123AI1C Datasheet HTML 41Page - Renesas Technology Corp ZSSC3123AI1C Datasheet HTML 42Page - Renesas Technology Corp ZSSC3123AI1C Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
ZSSC3123 Datasheet
Nov 19, 2021
Page 39
© 2021 Renesas Electronics
Figure 24. Alarm Output Flow Chart
10.8.3 Alarm Output Configuration
The user can select the output driver configuration for each alarm using the Output Configuration bit in the Alarm_High_Cfg and Alarm_Low_Cfg
registers in EEPROM word Cust_Config (see Table 32 for bit assignments). For applications, such as interfacing with a microcontroller or
controlling an external device (as seen in section 14.3), select the full push-pull driver for the alarm output type. For an application that directly
drives a load connected to VDD, as demonstrated in section 14.2, the typical selection is the open-drain output type.
An advantage of making an alarm output open drain is that in a system with multiple devices, the alarm outputs of each ZSSC3123 can be
connected together with a single pull-up resistance so that one can detect an alarm on any device with a single wire.
10.8.4 Alarm Polarity
For both alarm pins, the polarity of the alarm output is selected using the Alarm Polarity bit in the Alarm_High_Cfg and Alarm_Low_Cfg registers
in EEPROM word Cust_Config (see Table 32 for bit assignments). As shown in the example in section 14.3, the alarms can be used to drive a
high voltage humidity control system. Since the humidifier or dehumidifier relays must be on when the alarms are on, the alarm polarity bits are
set to 0 (active high). In the example given in section 14.2, an alarm is used to turn on an LED in an open drain configuration. In order for the
LED to be on when the alarm is on, the output must be low, so the alarm polarity bit is set to 1 (active low).
Another feature of the polarity bits is the ability to create two high alarms or two low alarms. For example, with applications requiring two high
alarms, flip the polarity bit of the Alarm_Low pin, and it will act as a high alarm. However, in this case, the effect of the alarm low registers is
also changed: the Alarm_Low_On register would act like the Alarm_High_Off register and the Alarm_Low_Off register would act like the
Alarm_High_On register. The same can be done to achieve two low alarms: the Alarm_High pin would have the polarity bit flipped, and the two
Alarm_High registers would have opposite meanings.
HIGH ALARM PIN
No
Yes
Measurement >
Alarm_High_On?
Alarm = On
Measurement ≤
Alarm_High_Off?
Alarm = Off
Yes
No
LOW ALARM PIN
No
Yes
Measurement <
Alarm_Low_On?
Alarm = On
Measurement ≥
Alarm_Low_Off?
Alarm = Off
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com