Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IO_SETUP Fiches technique(PDF) 23 Page - Omron Electronics LLC

No de pièce IO_SETUP
Description  Digital Barometric Pressure Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

IO_SETUP Fiches technique(HTML) 23 Page - Omron Electronics LLC

Back Button IO_SETUP Datasheet HTML 16Page - Omron Electronics LLC IO_SETUP Datasheet HTML 17Page - Omron Electronics LLC IO_SETUP Datasheet HTML 18Page - Omron Electronics LLC IO_SETUP Datasheet HTML 19Page - Omron Electronics LLC IO_SETUP Datasheet HTML 20Page - Omron Electronics LLC IO_SETUP Datasheet HTML 21Page - Omron Electronics LLC IO_SETUP Datasheet HTML 22Page - Omron Electronics LLC IO_SETUP Datasheet HTML 23Page - Omron Electronics LLC IO_SETUP Datasheet HTML 24Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
[2SMPB-02E] Datasheet Rev.05(Jun.,2017)
23
Copyright 2017 OMRON Corporation. All Rights Reserved.
(2) Environmental conditions for transport and storage
1)
The product shall not be kept with corrosive gases (e.g. organic solvents gases, sulfur dioxide and hydrogen sulfide gases).
2)
The products are not water proof. The product shall be kept dry during storage.
3)
The outer box strength may be degraded depending on the storage conditions. Please use the product in order.
4)
For this product, please keep away from direct sunlight or ultraviolet rays.
5)
The product shall be kept in appropriate conditions of temperature and humidity.
6)
The product shall not be kept under dusty or damp condition.
8. Warranty and Limited Warranty
(1) Definition
The definition of terms used in these Terms and Conditions are as follows:
1)
Usage conditions: Usage conditions, rating, performance, operating environment, handling instructions, cau-
tions, prohibited use, etc. of Omron products described in specifications, documentations or manuals.
2)
Customer application: Application of Omron products by customers which include embedding and/or using
Omron products in their parts/components, electronic substrates, devices, equipment or systems manufactured
by customers.
3)
Fitness: (a) performance, (b) non-infringement of third-party intellectual property, (c) compliance with laws
and regulations and (d) conformity to various standards.
(2) Caution on Descriptions
Attention is required to the following points on descriptions in specifications.
1)
Rated values and performance values are the product of tests performed for separate single conditions, includ-
ing but not limited to temperature and humidity.
It is not intended to warrant rated values and performance
values for multiple combined conditions.
2)
Reference data are provided for reference only. Omron does NOT warrant that Omron products work properly
at all time in the range of reference data.
3)
Application examples are provided for reference only. Omron does NOT warrant the Fitness of Omron prod-
ucts under such application.
4)
Omron may discontinue the production of Omron products or change the specifications of them for the purpose
of improving such products or other reasons entirely at its own discretion.
(3) Precautions
Please be aware of and accept the following when you introduce or use Omron products:
1)
Please use Omron products in compliance with usage conditions including rating and performance.
2)
Please confirm fitness of Omron products in your application and use your own judgment to determine the ap-
propriateness of using them in such application. Omron shall not warrant the fitness of Omron products in cus-
tomer application.
3)
Please confirm that Omron products are properly wired and installed for their intended use in your overall sys-
tem.
4)
When using Omron products, please make sure to (i) maintain a margin of safety vis-à-vis the published rated
and performance values, (ii) design to minimize risks to customer application in case of failure of Omron
products, such as introducing redundancy, (iii) introduce system-wide safety measures to notify risks to users,
and (iv) conduct regular maintenance on Omron products and customer application.
5)
Omron products are designed and manufactured as general-purpose products for use in general industrial
products.
They are not intended to be used in the following applications.
If you are using Omron products
in the following applications, Omron shall not provide any warranty for such Omron products.
(a)
Applications with stringent safety requirements, including but not limited to nuclear power control
equipment, combustion equipment, aerospace equipment, railway equipment, elevator/lift equipment,
amusement park equipment, medical equipment, safety devices and other applications that could cause
danger/harm to people’s body and life.
(b) Applications that require high reliability, including but not limited to supply systems for gas, water and
electricity, etc., 24 hour continuous operating systems, financial settlement systems and other applications
that handle rights and property.
(c)
Applications under severe condition or in severe environment, including but not limited to outdoor
equipment, equipment exposed to chemical contamination, equipment exposed to electromagnetic inter-
ference and equipment exposed to vibration and shocks
(d) Applications under conditions and environment not described in specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24