Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APCL86P06 Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce APCL86P06
Description  86P CLAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

APCL86P06 Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  APCL86P06 Datasheet HTML 1Page - List of Unclassifed Manufacturers APCL86P06 Datasheet HTML 2Page - List of Unclassifed Manufacturers APCL86P06 Datasheet HTML 3Page - List of Unclassifed Manufacturers APCL86P06 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
86P CLAMP
Amphenol Pcd
www.amphenolpcd.com
Installation, 3 Easy Steps
STEP 1
STEP 2
STEP 3
Compared to the industry standard AS21919 Clamp, the 86P Clamp was demonstrated to be approximately 40% faster
during the installation of a single clamp and 50% faster when installing 5 clamps at a single point.
Contact
system_attachments@amphenolpcd.com
STEP 1: Mount the 86P on a premounted standoff. (Amphenol PCD Standoff recommended)
STEP 2: Insert your wire bundle
STEP 3: Snap the 86P Clamp closed by hand.



Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com