| Moteur de recherche de fiches techniques de composants électroniques |
|
PACRAMBUS-1 Fiches technique(PDF) 3 Page - California Micro Devices Corp |
|
|
|||||||||||||||||||||||||||||
PACRAMBUS-1 Fiches technique(HTML) 3 Page - California Micro Devices Corp |
|
3 / 3 page ![]() OBJECTIVE © 2000 California Micro Devices Corp. All rights reserved. 4/00 215 Topaz Street, Milpitas, California 95035 Tel: (408) 263-3214 Fax: (408) 263-7846 www.calmicro.com 3 CALIFORNIA MICRO DEVICES PACRAMBUS-1 E D C B e L H H 1 A A1 CAMD QSOP - TOP VIEW S N O I T A C I F I C E P S L A C I N A H C E M g n it a l P d a e Ld a e L - n i T l a ir e t a M d a e Ly o ll A r e p p o C y ti r a n a l p o C d a e L) m m 2 0 1 . 0 ( " 4 0 0 . 0 l a ir e t a M e t a rt s b u Sn o c il i S l a ir e t a M y d o By x o p E d e d l o M y ti li b a m m a l F0 - V 4 9 L U N O I T A M R O F N i & N O I T A P I S S I D R E W O P , S N O I S N E M I D E G A K C A P e g a k c a PP O S Q # s n i P0 2 m ms e h c n i n i mx a mn i mx a m A 5 3 . 15 7 . 13 5 0 . 09 6 0 . 0 A1 0 1 . 05 2 . 04 0 0 . 00 1 0 . 0 B 0 2 . 00 3 . 08 0 0 . 02 1 0 . 0 C 8 1 . 05 2 . 07 0 0 . 00 1 0 . 0 D 6 5 . 83 7 . 87 3 3 . 04 4 3 . 0 E 1 8 . 38 9 . 30 5 1 . 07 5 1 . 0 e C S B 4 6 . 0C S B 5 2 0 . 0 H 9 7 . 59 1 . 68 2 2 . 04 4 2 . 0 L 0 4 . 07 2 . 16 1 0 . 00 5 0 . 0 PD C ° 0 7 @W 0 0 . 1 e b u t / #s c p 6 5 l e e r & e p a t / # s c p 0 0 5 , 2 POWER DERATING CURVE |