| Moteur de recherche de fiches techniques de composants électroniques |
|
XAM2432...ALX Fiches technique(PDF) 110 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XAM2432...ALX Fiches technique(HTML) 110 Page - Texas Instruments |
|
110 / 280 page ![]() Table 6-86. Connectivity Requirements (ALV Package) (continued) BALL NUMBER BALL NAME CONNECTION REQUIREMENTS G20 F20 E21, D20 G21 F21 F19 E20 ADC0_AIN0 ADC0_AIN1 ADC0_AIN2 ADC0_AIN3 ADC0_AIN4 ADC0_AIN5 ADC0_AIN6 ADC0_AIN7 Any unused ADC0_AIN[7:0] ball must be pulled to VSS through a resistor or connected directly to VSS when VDDA_ADC is connected to a power source. F7 G6 H7 J6, K7 L6 J8 VDDS_DDR VDDS_DDR VDDS_DDR VDDS_DDR VDDS_DDR VDDS_DDR VDDS_DDR_C If DDRSS0 is not used, each of these balls must be connected directly to VSS. AM2434, AM2432, AM2431 SPRSP65D – APRIL 2021 – REVISED AUGUST 2022 www.ti.com 110 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM2434 AM2432 AM2431 |