| Moteur de recherche de fiches techniques de composants électroniques |
|
XAM2432...ALX Fiches technique(PDF) 72 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XAM2432...ALX Fiches technique(HTML) 72 Page - Texas Instruments |
|
72 / 280 page ![]() 6.3.1 AM243x_ALX Package - Unsupported Interfaces and Signals Note The following signals are not supported by the AM243x_ALX device package. In some cases, the entire peripheral cannot be used due to critical interface signal unavailability. Table 6-3. AM243x_ALX Package - Unsupported Peripheral Interfaces and Signals Table MAIN DOMAIN MCU DOMAIN PERIPHERAL INSTANCES (1) • DDRSS0* • EPWM4* • EPWM6* • FSI_TX1* • FSI_RX4* • FSI_RX5* • GPMC0* • I2C2* • MMCSD0* • SERDES0* • SPI1* • MCU_I2C0* • MCU_I2C1* • MCU_SPI0* • MCU_SPI1* • MCU_UART1* GPIO SIGNALS • GPIO0_[7:10] • GPIO0_[13:14] • GPIO0_[31:35] • GPIO0_[37:44] • GPIO1_42 • GPIO1_[47:51] • GPIO1_68 • GPIO1_70 • MCU_GPIO[4:21] MISCELLANEOUS SIGNALS • CP_GEMAC_CPTS0_RFT_CLK • CPTS0_RFT_CLK • ECAP0_IN_APWM_OUT • EPWM5_B • EXTINTn • GPMC0_FCLK_MUX • OSPI0_D[4:7] • OSPI0_RESET_OUT[0:1] • OSPI0_CSn[2:3] • OSPI0_ECC_FAIL • PRG1_IEP0_EDIO_OUTVALID • SYNC0 • TRACE[14:23] • MCU_EXT_REFCLK0 • MCU_SYSCLKOUT0 • MCU_TIMER_IO[2:3] (1) * denotes the entire peripheral instance is not supported for the AM243x_ALX device package. AM2434, AM2432, AM2431 SPRSP65D – APRIL 2021 – REVISED AUGUST 2022 www.ti.com 72 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM2434 AM2432 AM2431 |