| Moteur de recherche de fiches techniques de composants électroniques |
|
AM6421...ALV Fiches technique(PDF) 106 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6421...ALV Fiches technique(HTML) 106 Page - Texas Instruments |
|
106 / 244 page ![]() over recommended operating conditions (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VOL Output Low Voltage 0.4 V VOH Output High Voltage 2.4 V IOL (2) Low Level Output Current VOL(MAX) 5 mA IOH (2) High Level Output Current VOH(MIN) 9 mA SRI Input Slew Rate TBD TBD TBD V/s (1) VDD stands for corresponding power supply. For more information on the power supply name and the corresponding ball(s), see POWER column of the Pin Attributes table. (2) The IOL and IOH parameters define the minimum Low Level Output Current and High Level Output Current for which the device is able to maintain the specified VOL and VOH values. Values defined by these parameters should be considered the maximum current available to a system implementation which needs to maintain the specified VOL and VOH values for attached components. AM6442, AM6441, AM6421, AM6412, AM6411 SPRSP56D – JANUARY 2021 – REVISED JULY 2022 www.ti.com 106 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411 |