Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM6421...ALV Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce AM6421...ALV
Description  AM64x Sitara™ Processors
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AM6421...ALV Fiches technique(HTML) 8 Page - Texas Instruments

Back Button AM6421...ALV Datasheet HTML 4Page - Texas Instruments AM6421...ALV Datasheet HTML 5Page - Texas Instruments AM6421...ALV Datasheet HTML 6Page - Texas Instruments AM6421...ALV Datasheet HTML 7Page - Texas Instruments AM6421...ALV Datasheet HTML 8Page - Texas Instruments AM6421...ALV Datasheet HTML 9Page - Texas Instruments AM6421...ALV Datasheet HTML 10Page - Texas Instruments AM6421...ALV Datasheet HTML 11Page - Texas Instruments AM6421...ALV Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 244 page
background image
• (Absolute Maximum Ratings): Added USB0_ID and associated note to define its absolute maximum ratings....
..........................................................................................................................................................................98
• (Absolute Maximum Ratings): Added VMON_VSYS to the paragraph that is describing Fail-safe IO terminals
..........................................................................................................................................................................98
• (Recommended Operating Conditions): Added USB0_ID and associated note to define its recommended
operating conditions........................................................................................................................................101
• (I2C OD FS Electrical Characteristics): Added a note to explain the IOL parameter.......................................102
• (SDIO Electrical Characteristics): Added a note to explain the IOL and IOH parameters.................................104
• (LVCMOS Electrical Characteristics): Added a note to explain the IOL and IOH parameters.......................... 105
• (Recommended Operating Conditions for OTP eFuse Programming): Changed the maximum VPP current
value from TBD to 400 mA............................................................................................................................. 109
• (Power Supply Requirements): Updated the section title from "Power Supply Sequencing" to "Power Supply
Requirements"................................................................................................................................................ 112
• (Power Supply Sequencing): Added new section and explaination of the two types of power supply transition
regions found in the Power-up and Power-down Sequence diagrams........................................................... 113
• (MCU_OSC0 Start-up Time): Updated signal names in figure....................................................................... 124
• (GPMC and NOR Flash — Synchronous Mode): Updated timing parameters and values............................ 143
• (GPMC and NOR Flash — Asynchronous Mode): Updated timing parameters and values...........................152
• (GPMC and NAND Flash — Asynchronous Mode): Updated timing parameters and values........................ 160
• (MMCSD): Added a new paragraph to the note that explains the meaning of "Tuning" in the MMC0 DLL Delay
Mapping and MMC1 DLL Delay Mapping tables ........................................................................................... 172
• (MMC0 DLL Delay Mapping for All Timing Modes): Added notes to describe the meaning of "NA" and
"Tuning".......................................................................................................................................................... 173
• (MMC1 DLL Delay Mapping for All Timing Modes): Added a note to describe the meaning of "Tuning"....... 177
• (Switching Characteristics for MMC1 – UHS-I SDR12 Mode): Changed "falling" to "rising" in the description of
timing paramter SDR128 and SDR129...........................................................................................................181
• (Switching Characteristics for MMC1 – UHS-I SDR25 Mode): Changed "falling" to "rising" in the description of
timing paramter SDR258 and SDR259...........................................................................................................182
• (OSPI): Updated the entire OSPI timing section.............................................................................................186
• (PRU_ICSSG): Updated the note to use the same description used in the PRU_ICSSG Signal Description
note.................................................................................................................................................................194
• (PRU_ICSSG PRU Parallel Capture Mode Timing): Updated minimum pulse duration values for CLOCKIN,
parameters PRPC2 and PRPC3.....................................................................................................................195
• (PRU_ICSSG PRU Switching Characteristics - Shift Out Mode): Corrected errors in notes associated with
variables Z and Y............................................................................................................................................196
• (PRU_ICSSG IEP Timing Conditions): Updated output load capacitance to include a different minimum to
maximum range for EDIO_DATA_OUT.......................................................................................................... 200
• (PRU_ICSSG IEP Timing): Changed the title of the "PRU_ICSSG IEP Timing Requirements – Digital IOs"
table to "PRU_ICSSG IEP Switching Characteristics – Digital IOs" and changed the values defined for
parameter IEPO4............................................................................................................................................200
• (PRU_ICSSG UART Timing): Updated timing parameter values................................................................... 201
• (PRU_ICSSG ECAP Switching Characteristics): Updated the minimum pulse duration values, parameters
PREP3 and PREP4........................................................................................................................................ 202
• (PRU_ICSSG RGMII Timing Conditions): Updated Input Slew Rate and added PCB Connectivity
Requirements................................................................................................................................................. 206
• (JTAG Timing Conditions): Added PCB Connectivity Requirements to the Timing Conditions table..............211
• (JTAG Timing Requirements): Added a note to the minimum TCK cycle time parameter.............................. 211
• (I2C module features): Updated FIFO size, and clarified high-speed mode is only supported on I2C0 and
MCU_I2C0...................................................................................................................................................... 219
• (No Loopback, Internal Pad Loopback, and Internal Pad Loopback): Section title was changed to include
"Internal Pad Loopback", updated the decriptions for propagation delay and trace length matching
requirements, removed the "MCU_" prefix from signal names, changed the title of the OSPI connectivity
schematic, and updated the OSPI connectivity schematic to include all of the OSPI pins.............................227
AM6442, AM6441, AM6421, AM6412, AM6411
SPRSP56D – JANUARY 2021 – REVISED JULY 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More