| Moteur de recherche de fiches techniques de composants électroniques |
|
AM6422...ALV Fiches technique(PDF) 17 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6422...ALV Fiches technique(HTML) 17 Page - Texas Instruments |
|
17 / 244 page ![]() Table 6-1. Pin Attributes (ALV Package) BALL NUMBER [1] BALL NAME [2] PADCONFIG Register [15] PADCONFIG Address [16] SIGNAL NAME [3] MUX MODE [4] TYPE [5] DSIS [6] BALL STATE DURING RESET RX/TX/PULL [7] BALL STATE AFTER RESET RX/TX/PULL [8] MUX MODE AFTER RESET [9] I/O OPERATING VOLTAGE [10] POWER [11] HYS [12] BUFFER TYPE [13] PULL UP/DOWN TYPE [14] J16 ADC0_REFN ADC0_REFN A 1.8 V VDDA_ADC0 ADC12B J15 ADC0_REFP ADC0_REFP A 1.8 V VDDA_ADC0 ADC12B G20 ADC0_AIN0 ADC0_AIN0 A 1.8 V VDDA_ADC0 Yes ADC12B F20 ADC0_AIN1 ADC0_AIN1 A 1.8 V VDDA_ADC0 Yes ADC12B E21 ADC0_AIN2 ADC0_AIN2 A 1.8 V VDDA_ADC0 Yes ADC12B D20 ADC0_AIN3 ADC0_AIN3 A 1.8 V VDDA_ADC0 Yes ADC12B G21 ADC0_AIN4 ADC0_AIN4 A 1.8 V VDDA_ADC0 Yes ADC12B F21 ADC0_AIN5 ADC0_AIN5 A 1.8 V VDDA_ADC0 Yes ADC12B F19 ADC0_AIN6 ADC0_AIN6 A 1.8 V VDDA_ADC0 Yes ADC12B E20 ADC0_AIN7 ADC0_AIN7 A 1.8 V VDDA_ADC0 Yes ADC12B H12 CAP_VDDS0 CAP_VDDS0 CAP T7 CAP_VDDS1 CAP_VDDS1 CAP R11 CAP_VDDS2 CAP_VDDS2 CAP N14 CAP_VDDS3 CAP_VDDS3 CAP M16 CAP_VDDS4 CAP_VDDS4 CAP L13 CAP_VDDS5 CAP_VDDS5 CAP K15 CAP_VDDSHV_MMC1 CAP_VDDSHV_MMC1 CAP H10 CAP_VDDS_MCU CAP_VDDS_MCU CAP H2 DDR0_ACT_n DDR0_ACT_n O 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR H1 DDR0_ALERT_n DDR0_ALERT_n IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR J5 DDR0_CAS_n DDR0_CAS_n O 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR K5 DDR0_PAR DDR0_PAR O 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR F6 DDR0_RAS_n DDR0_RAS_n O 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR H4 DDR0_WE_n DDR0_WE_n O 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR D2 DDR0_A0 DDR0_A0 O 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR C5 DDR0_A1 DDR0_A1 O 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR E2 DDR0_A2 DDR0_A2 O 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR D4 DDR0_A3 DDR0_A3 O 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR D3 DDR0_A4 DDR0_A4 O 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR www.ti.com AM6442, AM6441, AM6421, AM6412, AM6411 SPRSP56D – JANUARY 2021 – REVISED JULY 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 17 Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411 |