Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM6442...ALV Fiches technique(PDF) 68 Page - Texas Instruments

No de pièce AM6442...ALV
Description  AM64x Sitara™ Processors
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AM6442...ALV Fiches technique(HTML) 68 Page - Texas Instruments

Back Button AM6442...ALV Datasheet HTML 64Page - Texas Instruments AM6442...ALV Datasheet HTML 65Page - Texas Instruments AM6442...ALV Datasheet HTML 66Page - Texas Instruments AM6442...ALV Datasheet HTML 67Page - Texas Instruments AM6442...ALV Datasheet HTML 68Page - Texas Instruments AM6442...ALV Datasheet HTML 69Page - Texas Instruments AM6442...ALV Datasheet HTML 70Page - Texas Instruments AM6442...ALV Datasheet HTML 71Page - Texas Instruments AM6442...ALV Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 244 page
background image
Table 6-35. GPIO0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
GPIO0_13
IO
General Purpose Input/Output
K17
GPIO0_14
IO
General Purpose Input/Output
L17
GPIO0_15
IO
General Purpose Input/Output
T20
GPIO0_16
IO
General Purpose Input/Output
U21
GPIO0_17
IO
General Purpose Input/Output
T18
GPIO0_18
IO
General Purpose Input/Output
U20
GPIO0_19
IO
General Purpose Input/Output
AA14
GPIO0_20
IO
General Purpose Input/Output
Y13
GPIO0_21
IO
General Purpose Input/Output
V20
GPIO0_22
IO
General Purpose Input/Output
V21
GPIO0_23
IO
General Purpose Input/Output
V19
GPIO0_24
IO
General Purpose Input/Output
T17
GPIO0_25
IO
General Purpose Input/Output
R16
GPIO0_26
IO
General Purpose Input/Output
W20
GPIO0_27
IO
General Purpose Input/Output
W21
GPIO0_28
IO
General Purpose Input/Output
V18
GPIO0_29
IO
General Purpose Input/Output
Y21
GPIO0_30
IO
General Purpose Input/Output
Y20
GPIO0_31
IO
General Purpose Input/Output
R17
GPIO0_32
IO
General Purpose Input/Output
P16
GPIO0_33
IO
General Purpose Input/Output
R18
GPIO0_34
IO
General Purpose Input/Output
T21
GPIO0_35
IO
General Purpose Input/Output
P17
GPIO0_36
IO
General Purpose Input/Output
T19
GPIO0_37
IO
General Purpose Input/Output
W19
GPIO0_38
IO
General Purpose Input/Output
Y18
GPIO0_39
IO
General Purpose Input/Output
N16
GPIO0_40
IO
General Purpose Input/Output
N17
GPIO0_41
IO
General Purpose Input/Output
R19
GPIO0_42
IO
General Purpose Input/Output
R20
GPIO0_43 (1)
IO
General Purpose Input/Output
P19
GPIO0_44 (1)
IO
General Purpose Input/Output
R21
GPIO0_45
IO
General Purpose Input/Output
Y7
GPIO0_46
IO
General Purpose Input/Output
U8
GPIO0_47
IO
General Purpose Input/Output
W8
GPIO0_48
IO
General Purpose Input/Output
V8
GPIO0_49
IO
General Purpose Input/Output
Y8
GPIO0_50
IO
General Purpose Input/Output
V13
GPIO0_51
IO
General Purpose Input/Output
AA7
GPIO0_52
IO
General Purpose Input/Output
U13
GPIO0_53
IO
General Purpose Input/Output
W13
GPIO0_54
IO
General Purpose Input/Output
U15
GPIO0_55
IO
General Purpose Input/Output
U14
GPIO0_56
IO
General Purpose Input/Output
AA8
GPIO0_57
IO
General Purpose Input/Output
U9
AM6442, AM6441, AM6421, AM6412, AM6411
SPRSP56D – JANUARY 2021 – REVISED JULY 2022
www.ti.com
68
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More