| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F51406BDFK30 Fiches technique(PDF) 6 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F51406BDFK30 Fiches technique(HTML) 6 Page - Renesas Technology Corp |
|
6 / 118 page ![]() R01DS0379EJ0110 Rev.1.10 Page 6 of 118 Apr 20, 2022 RX140 Group 1. Overview Note 1. This number includes a single internal input channel. For details, refer to section 35, 12-Bit A/D Converter (S12ADE) in the User’s Manual: Hardware. Table 1.2 Comparison of Functions for Different Packages in the RX140 Group Module/Functions Products with 128-Kbyte or larger ROM Products with 64-Kbyte ROM 80 Pins 64 Pins 48 Pins 64 Pins 48 Pins 32 Pins Interrupts External interrupts NMI, IRQ0 to IRQ7 NMI, IRQ0 to IRQ2, IRQ4 to IRQ7 NMI, IRQ0 to IRQ2, IRQ4 to IRQ7 NMI, IRQ0 to IRQ2, IRQ4 to IRQ7 NMI, IRQ0 to IRQ2, IRQ4 to IRQ7 NMI, IRQ0 to IRQ2, IRQ5 to IRQ7 DTC Data transfer controller Available Available Timers Multi-function timer pulse unit 2 6 channels 6 channels Port output enable 2 POE0# to POE3#, POE8# POE0# to POE3#, POE8# POE0#, POE8# 8-bit timer 2 channels × 2 units 2 channels × 2 units Compare match timer 2 channels × 1 unit 2 channels × 1 unit Low power timer 1 channel 1 channel Realtime clock Available Not supported Available Not supported Independent watchdog timer Available Available Communicat ion functions Serial communications interfaces (SCIk) 2 channels (SCI1, 5) 2 channels (SCI1, 5) Serial communications interfaces (SCIg) 3 channels (SCI6, 8, 9) 2 channels (SCI6, 8) Not supported Serial communications interfaces (SCIh) 1 channel (SCI12) 1 channel (SCI12) Communicat ion functions I2C bus interface 1 channel 1 channel Serial peripheral interface 1 channel 1 channel CAN module 1 channel Not supported Capacitive touch sensing unit (CTSU2SL) 36 channels 32 channels 24 channels Not supported Capacitive touch sensing unit (CTSU2L) Not supported 12 channels 12 channels 12 channels 12-bit A/D converter 18 channels *1 15 channels *1 11 channels *1 15 channels *1 11 channels *1 8 channels *1 Temperature sensor Available Available D/A converter 2 channels Not supported 2 channels Not supported CRC calculator Available Available Event link controller Available Available Comparator B 2 channels 2 channels Encryption function Advanced encryption standard hardware accelerator (AESA) Available/Not supported Not supported True random number generator (RNGA) Available/Not supported Not supported Packages 80-pin LFQFP (0.5 mm) 64-pin LQFP (0.8 mm) 64-pin LFQFP (0.5 mm) 48-pin LFQFP (0.5 mm) 48-pin HWQFN (0.5 mm) 64-pin LQFP (0.8 mm) 64-pin LFQFP (0.5 mm) 48-pin LFQFP (0.5 mm) 48-pin HWQFN (0.5 mm) 32-pin LQFP (0.8 mm) 32-pin HWQFN (0.5 mm) |