| Moteur de recherche de fiches techniques de composants électroniques |
|
AIS25BA Fiches technique(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AIS25BA Fiches technique(HTML) 11 Page - STMicroelectronics |
|
11 / 31 page ![]() 4.4 Mapping the TDM axes Within one frame, the data signal (DOUT) is divided into multiple segments. We call each segment a slot hereafter in this document. The data slot width is fixed and equal to 16 bits. In each slot, data should be left-justified (MSB first). The number of slots in a WCLK frame can be variable, and it depends on the ratio between BCLK and WCLK. However, as depicted in Table 9 and Table 10, only the slots 0, 1, 2 and 4, 5, 6 can be used to send accelerometer data, all the others slots are always set in high-impedance. The mapping of the input data and the TDM output slots is flexible and can be configured through the I²C register mapping (TDM_CTRL_REG (2Eh) bit 4) in Figure 4. In particular two possible configurations can be selected: • Axes data (X,Y,Z) mapped on TDM slots (0,1,2) (mapping = 0) • Axes data (X,Y,Z) mapped on TDM slots (4,5,6) (mapping = 1) Table 9. X, Y, Z axes mapped to SLOT0, SLOT1, SLOT2 SLOT0 SLOT1 SLOT2 SLOT3 SLOT4 SLOT5 SLOT6 SLOT7 ... SLOTN X-axis Y-axis Z-axis HiZ HiZ HiZ HiZ HiZ HiZ Table 10. X, Y, Z axes mapped to SLOT4, SLOT5, SLOT6 SLOT0 SLOT1 SLOT2 SLOT3 SLOT4 SLOT5 SLOT6 SLOT7 ... SLOTN HiZ HiZ HiZ HiZ X-axis Y-axis Z-axis HiZ HiZ AIS25BA Mapping the TDM axes DS14019 - Rev 1 page 11/31 |