Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM397MF/NOPB Fiches technique(PDF) 16 Page - Infineon Technologies AG

No de pièce LM397MF/NOPB
Description  iMOTION™ Modular Application Design Kit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

LM397MF/NOPB Fiches technique(HTML) 16 Page - Infineon Technologies AG

Back Button LM397MF/NOPB Datasheet HTML 12Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 13Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 14Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 15Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 16Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 17Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 18Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 19Page - Infineon Technologies AG LM397MF/NOPB Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
User Manual
16 of 41
Revision 1.4
2019-10-11
EVAL-M3-CM615PN User Manual
iMOTION™ Modular Application Design Kit
Getting Started with EVAL-M3-CM615PN
After Drive System Parameter file has been programmed into IMC102 controller, and the motor drive system is
powered, the MCEDesigner can be used to start/stop the motor, display motor current traces, change the motor
speeds, modify drive parameters and many other functions. Please refer to the MCEDesigner documentation
for more details.
Note:
On-board Debugger portion of EVAL-M3-102T is galvanically isolated from the controller portion
and the attached power board. In order to program the parameters or firmware to the IMC102T-
F064 controller, the 3.3V DC voltage needs to be supplied to the controller portion of the EVAL-M3-
102T. This voltage can either be supplied by the power board (MADK power boards are designed to
supply the 3.3V to the control board through M3 connector) or by feeding the 3.3V DC voltage to the
control board through some of the available 3.3V access/test points if the power board is not
attached to the EVAL-M3-102T control board.
To program new firmware and Drive System Parameter into IMC102T-F064, please click “Tools” menu and
select “Programmer” in the pull down list. The pop-up window “Program IMC controller” will show up as in
Figure 9. Click on the “Program Firmware and Parameter” radio button, and select the Drive System Parameter
file created using MCEWizard by clicking on the “Browse” button on the row of “Program Parameter File”, and
then select the firmware file by clicking on the “Browse” button on the row of “Program Firmware File”. Finally,
click on the “Start” button to program the parameter file into the IMC102T-F064 IC.
Figure 9
Program Firmware and Parameter in “Program IMC Controller” pop-up window
All latest firmware file for different type of iMOTIONTM control ICs are available for download via Infineon
iMOTIONTMwebsite (http://www.infineon.com/imotion-software).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41