Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM27213 Fiches technique(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LM27213
Description  Single Phase Hysteretic Buck Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27213 Fiches technique(HTML) 15 Page - National Semiconductor (TI)

Back Button LM27213 Datasheet HTML 11Page - National Semiconductor (TI) LM27213 Datasheet HTML 12Page - National Semiconductor (TI) LM27213 Datasheet HTML 13Page - National Semiconductor (TI) LM27213 Datasheet HTML 14Page - National Semiconductor (TI) LM27213 Datasheet HTML 15Page - National Semiconductor (TI) LM27213 Datasheet HTML 16Page - National Semiconductor (TI) LM27213 Datasheet HTML 17Page - National Semiconductor (TI) LM27213 Datasheet HTML 18Page - National Semiconductor (TI) LM27213 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Applications Information (Continued)
simply 20µA divided by the desired slew rate. For an output
voltage rate of rise of 1V/ms, the capacitor should be about
20nF.
SOFT STOP
When VRON is deasserted, the LM27213 starts to discharge
the soft start capacitor with an internal 45µA current sink.
V
core is forced to follow the resulting linear ramp voltage on
the soft start capacitor downward. When V
core reaches ap-
proximately 300mV the high-side FET is disabled and the
low-side FET is turned on to quickly discharge the output to
zero and hold it there. This forces a controlled turn off slew
rate that eliminates the possibility of the output voltage ring-
ing significantly below ground. It can also be helpful in the
sequencing of multiple supply rails.
STARTUP SEQUENCING
At initial power up the LM27213 targets a voltage equal to
V
boot. This is the voltage level set at the VBOOT pin (27) by
a resistor divider that is powered by the V1R7 reference
output (pin 26). This divider also has taps for the OVP
threshold and deeper sleep voltage set point. The regulator’s
output will remain at V
boot until a time Tboot after the XPOK
flag clears. T
boot is nominally 20µs. After the Tboot time
expires CLK_EN# will be asserted and the output will tran-
sition to the voltage selected by the VID bits. Power good will
be enabled nominally 5ms after CLK_EN# is asserted.
DYNAMIC VID TRANSITIONS
Upon detecting a VID or mode change the LM27213 masks
the power good comparator for a period of approximately
130µs. During the blanking interval the power good output is
forced high while the output voltage is in slew to the newly
selected level. The slew rate is determined by the soft start
capacitor value. The charge/discharge current driving the
soft start capacitor will be 350µA typically. The programmed
slew rate is therefore 350µA divided by the soft start pin
capacitance.
STOP CPU MODE
If the STP_CPU# pin (34) is asserted with SLP de-asserted
the VREF pin voltage will be forced to the voltage on the
VSTP pin (32). The output will slew at a rate determined as
above to the new value. The PGOOD mask is in effect for
130µs.
SLEEP MODE
To enable sleep mode both STP_CPU# and SLP need to be
asserted. The VREF pin voltage will transition to the voltage
on the VSLP pin with a slew rate as discussed under ynamic
VID transitions and the PGOOD mask is activated for 130µs.
POWER SAVING MODE
The LM27213 allows for high efficiency operation at very low
power levels by employing a diode emulator mode. This can
be activated in either deep sleep or deeper sleep modes
only. Assert the DE_EN# pin while in a sleep mode to
activate this function. When operating at low power the
LM27213 detects inductor current reversal with a zero cross
detector connected to the drain of the low-side FET. The
voltage at this node is normally below ground when the low
side FET is on but will become positive when the inductor
current reverses. When the inductor current reversal is de-
tected the low side switch is turned off and essentially be-
comes a nearly ideal diode. Due to the hysteretic control
mode, the regulator operating frequency will be greatly re-
duced at light loads. High-side switch on-time will not change
significantly compared to normal operation, but the off times
will extend greatly. Care must be taken to connect the SRCK
(Source Kelvin, pin 5) close to the low-side switch source
connection, as this is the reference input to the zero cross
detector.
Component Selection
There are numerous tradeoffs to be made in settling on a
final set of component choices and as a result the process
tends to be somewhat iterative. There’s always more than
one combination of parts that will work in a given application.
We will start with a few rule of thumb assumptions and then
adjust as required to find a combination that meets the
specification requirements and is cost effective. Some of the
choices can be thought of as somewhat philosophical.
Let’s start the design by choosing an inductor and then
develop the remainder of the design around that choice.
INDUCTOR SELECTION
A good place to start is by choosing an appropriate buck
inductor. A decent rule of thumb is to allow the worst case,
peak to peak ripple current to be on the order of 40% to 50%
of the full load output current. So, for a design of 12A at full
load, the ripple current should be in the range of 4.8A to 6A.
Larger or smaller ripple currents may well be acceptable but
there are tradeoffs associated with these choices. As induc-
tor value increases, there is a corresponding need to in-
crease the amount of output capacitance to handle load
transients. Conversely, as inductance is reduced, the RMS
switch currents tend to rise and therefore efficiency suffers
slightly while dynamic performance is improved.
The worst case ripple current will occur at the combination of
maximum input and output voltage. Let’s assume an output
voltage of 1.180V and a maximum input of 16V. This will
assume operation on a wall adapter while battery voltage
may be only 12V maximum. Another assumption that must
be made is the intended operating frequency. Again there
exists a tradeoff between dynamic performance and effi-
ciency. The “sweet spot” at the time of this writing is roughly
in the range of 300kHz to 400kHz. That will in all likelihood
shift positive in time as FET technology improves. The hys-
teretic architecture also varies the operating frequency as a
function of input voltage with the regulator tending to run a bit
slower at high input voltages. Let’s assume a 300kHz fre-
quency at high input line. Also, since the efficiency is of
somewhat less of a concern when operating from a wall
adapter we’ll design for the high end of the ripple current
range under this condition. The ripple current will be lower
when operating from a battery since the input voltage will be
lower and the switching frequency will be somewhat higher.
With all that settled let’s calculate a value for L.
L= (V
IN-VO)VO/(
∆IxV
IN xfSW)
Where:
L is the inductor value
V
in is the input voltage
V
o is the output voltage
∆I is the ripple current
f
sw is the switching frequency
So,
L = (16V-1.18V)1.18V/(6A x 16V x 300kHz)
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com