Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SDF0105-821 Fiches technique(PDF) 3 Page - First Silicon Co., Ltd

No de pièce SDF0105-821
Description  With low holding and latching current
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FS [First Silicon Co., Ltd]
Site Internet  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SDF0105-821 Fiches technique(HTML) 3 Page - First Silicon Co., Ltd

  SDF0105-821 Datasheet HTML 1Page - First Silicon Co., Ltd SDF0105-821 Datasheet HTML 2Page - First Silicon Co., Ltd SDF0105-821 Datasheet HTML 3Page - First Silicon Co., Ltd SDF0105-821 Datasheet HTML 4Page - First Silicon Co., Ltd SDF0105-821 Datasheet HTML 5Page - First Silicon Co., Ltd SDF0105-821 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2021. 05. 21
3/6
Revision No : 0
SDF01
ORDERING INFORMATION
PACKAGE MECHANICAL DATA
Dimensions
Millimeters
Inches
Ref.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
H
J
1.5
2.9
0.6
1.8
3.1
0.8
0.059
0.002
0.114
0.024
0.22
0.32
3.3
6.7
7.3
0.264
0.009
6.3
6.7
0.248
3.7
0.130
1.5
2
0.059
K
B
B1
C
A1
D
E
G
F1
F
0.06
5
3
0
.
0
9
.
0
1.6
0.01
0.10
3.0
0.7
0.26
6.5
3.5
4.6
2.3
1.75
7.0
0.9
0.063
0.118
0.028
0.010
0.256
0.138
0.181
0.091
0.069
0.276
0.035
0.001
0.7
1.1
0.028
D
B
F1
B1
F
G
H
SOT-223
0.071
0.004
0.122
0.031
0.013
0.264
0.146
0.043
0.079
0.287



Html Pages

1 2 3 4 5 6