| Moteur de recherche de fiches techniques de composants électroniques |
|
KSL Fiches technique(PDF) 4 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
KSL Fiches technique(HTML) 4 Page - C&K Components |
|
4 / 5 page ![]() B B–126 Dimensions are shown: mm Specifications and dimensions subject to change www.ckswitches.com B–126 Dimensions are shown: mm Specifications and dimensions subject to change www.ckswitches.com 15 Oct 21 CONTACT MATERIAL SEALING OPTION CODE CONTACT MATERIAL 1 Silver contacts 3 Gold contacts OPTION CODE SEALING 1 Sealing level IP60 KSA & KSL Series Sealed Tact Switch BUTTONS K01 10,0 (.394) 4,4 (.173) 1,0 (.039) 1,0 (.039) 8,0 (.315) R 0,5 (.020) Buttons must be ordered separately and will be supplied in bulk. BUTTON TYPE KSA KSL KSAV KSLV K01 X K02 X K03 X X X X |