Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RTE16-12-R-17 Fiches technique(PDF) 2 Page - C&K Components

No de pièce RTE16-12-R-17
Description  Low Profile Rotary DIP Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

RTE16-12-R-17 Fiches technique(HTML) 2 Page - C&K Components

  RTE16-12-R-17 Datasheet HTML 1Page - C&K Components RTE16-12-R-17 Datasheet HTML 2Page - C&K Components RTE16-12-R-17 Datasheet HTML 3Page - C&K Components RTE16-12-R-17 Datasheet HTML 4Page - C&K Components RTE16-12-R-17 Datasheet HTML 5Page - C&K Components RTE16-12-R-17 Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SWITCHES WITH STANDARD OPTIONS
H
H–28
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
NUMBER OF POSITIONS
RTE04 4 POSITIONS
RTE10
10 POSITIONS
RTE16 16 POSITIONS
36˚0'
22˚30'
RTE Series
Low Profile Rotary DIP Switches
PC Mount-Terminal Option N
Right Angle Mount-Terminal Option V
Surface Mount-Terminal Option G
19 Jan 21



Html Pages

1 2 3 4 5 6