| Moteur de recherche de fiches techniques de composants électroniques |
|
REF35 Fiches technique(PDF) 17 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF35 Fiches technique(HTML) 17 Page - Texas Instruments |
|
17 / 35 page ![]() Noise Bin (ppmp-p) 0 16 32 48 64 80 1.2 2 2.8 3.6 4.4 5.2 6 6.8 7.6 8.4 9.2 10 10.8 IL = 0mA IL = 1mA IL = 10mA Figure 8-12. 0.1 Hz to 10 Hz Noise Distribution vs Load Conditions Noise Bin (ppmp-p) 0 8 16 24 32 40 1.2 2 2.8 3.6 4.4 5.2 6 6.8 7.6 8.4 9.2 10 10.8 CNR = Open CNR = 1uF CNR = 10uF Figure 8-13. 0.1 Hz to 10 Hz Noise Distribution vs NR Capacitance 8.5.2 Broadband Noise Broadband noise is a noise that appears at higher frequency compared to 1/f noise. The broadband noise is measured by high-pass filtering the output of the reference device, followed by a gain stage and measuring the result on a spectrum analyzer as shown in Figure 8-14. REF35xxx CIN GND VIN EN NR VREF GND Optional CL High-pass Filter Fc = 10Hz G = 11 Amplifier G = 11 Supply Spectrum Analyzer Figure 8-14. Broadband Noise Test Setup For noise sensitive designs, a low-pass filter can be used to reduce broadband output noise. When designing a low-pass filter, take special care to ensure the output impedance of the filter does not degrade AC performance. This can occur in RC low-pass filters where a large series resistance can impact the load transients due to output current fluctuations. The REF35 device also offers noise reduction functionality by adding an optional capacitor between NR (pin 5) and ground pins. Figure 8-15 and Figure 8-16 show the noise spectrum for REF35250 and REF35500 devices respectively across various load capacitance. www.ti.com REF35 SNAS809A – DECEMBER 2021 – REVISED AUGUST 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 17 Product Folder Links: REF35 |