| Moteur de recherche de fiches techniques de composants électroniques |
|
RTE10B-2-R-7-7 Fiches technique(PDF) 4 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
RTE10B-2-R-7-7 Fiches technique(HTML) 4 Page - C&K Components |
|
4 / 6 page ![]() H H–30 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ckswitches.com ø0,9 8,66 3,7 5,08 6,34 2,9 0,5 2,54 2,54 2,54 2,54 1,05 V RIGHT ANGLE, THRU-HOLE 2,54 2,54 0,8 5,0 5,0 0,6 7,4 7,2 2,54 3,48 5,08 6,68 1,6 ( x 5 ) LAYOUT ON PCB VIEW OF COMPONENT SIDE 4 1 C 8 2 PCB layout seen component side RTE Series Low Profile Rotary DIP Switches TERMINATIONS 4C 1 28 ø0,9 8 7,2 9,6 7,4 1,05 2,54 2,54 2,54 2,54 THRU-HOLE C 8 41 2 1,05 7,4 0.5 11,45 7,2 9,3 ø.035 (ø9,3) ø.167 (ø4,25) .10 (2,54) .10 (2,54) REVERSE, THRU-HOLE 2,54 2,54 4 1 8 2 ø0,9 7,62 m C 2,54) 2,54) 4 1 8 2 ø0,9 7,62 C With ground terminal Without ground terminal 2,54 2,54 4 1 8 2 ø0,9 10,16 m C 2,54 2,54 4 1 8 2 ø0,9 10,16 C With ground terminal Without ground terminal Ø 4,25 N R 19 Jan 21 G SURFACE MOUNT |