Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HS4012 Fiches technique(PDF) 15 Page - Renesas Technology Corp

No de pièce HS4012
Description  High Performance Relative Humidity and Temperature Sensor with Membrane and Digital Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS4012 Fiches technique(HTML) 15 Page - Renesas Technology Corp

Back Button HS4012 Datasheet HTML 11Page - Renesas Technology Corp HS4012 Datasheet HTML 12Page - Renesas Technology Corp HS4012 Datasheet HTML 13Page - Renesas Technology Corp HS4012 Datasheet HTML 14Page - Renesas Technology Corp HS4012 Datasheet HTML 15Page - Renesas Technology Corp HS4012 Datasheet HTML 16Page - Renesas Technology Corp HS4012 Datasheet HTML 17Page - Renesas Technology Corp HS4012 Datasheet HTML 18Page - Renesas Technology Corp HS4012 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
HS401x Datasheet
R36DS0023EU0103 Rev.1.03
Jun 6, 2022
Page 15
Figure 18. Alert Pin Function
4.6.2.
Alert Pin – Humidity and Temperature Threshold Detection
The Alert pin can also be configured to send a signal when a humidity / temperature threshold is exceeded, and
the system needs to take action. In this mode, the Alert feature has a programmable threshold, polarity, and
hysteresis, and can apply to both temperature and humidity measurements. An example of the functionality of
the Alert feature can be seen in Figure 19.
Time
State
of Alert
pin at
power-
up
Periodic
Measurement
Mode Activated
Measurementin Progress
Figure 19. Alert Pin Functionality Example
Trigger Threshold - High Alert
Reset Threshold - High Alert
Trigger Threshold - Low Alert
Reset Threshold - Low Alert



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27