Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP5589ACBZ-02-R7 Fiches technique(PDF) 39 Page - Analog Devices

No de pièce ADP5589ACBZ-02-R7
Description  Keypad Decoder and I/O Expansion
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP5589ACBZ-02-R7 Fiches technique(HTML) 39 Page - Analog Devices

Back Button ADP5589ACBZ-02-R7 Datasheet HTML 35Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 36Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 37Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 38Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 39Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 40Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 41Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 42Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
Data Sheet
ADP5589
Rev. B | Page 39 of 52
GPIO_DIRECTION_C Register 0x32
Table 58. GPIO_DIRECTION_C Bit Descriptions
Bits
Name
R/W
Description
[7:3]
Reserved.
2
GPIO_19_DIR
R/W
0 = GPIO 19 is an input.
1 = GPIO 19 is an output.
1
GPIO_18_DIR
R/W
0 = GPIO 18 is an input.
1 = GPIO 18 is an output.
0
GPIO_17_DIR
R/W
0 = GPIO 17 is an input.
1 = GPIO 17 is an output.
UNLOCK1 Register 0x33
Table 59. UNLOCK1 Bit Descriptions
Bits
Name
R/W
Description
7
UNLOCK1_STATE
R/W
Defines which state the first unlock event should be
For key events:
0 = not applicable; releases not used for unlock.
1 = press is used as unlock event.
For GPIs and logic outputs configured for FIFO updates:
0 = inactive event used as reset condition.
1 = active event used as reset condition.
[6:0]
UNLOCK1[6:0]
R/W
Defines the first event that must be detected to unlock the keypad after LOCK_EN has been set.
UNLOCK2 Register 0x34
Table 60. UNLOCK2 Bit Descriptions
Bits
Name
R/W
Description
7
UNLOCK2_STATE
R/W
Defines which state the second unlock event should be.
For key events:
0 = not applicable; releases not used for unlock.
1 = press is used as unlock event.
For GPIs and logic outputs configured for FIFO updates:
0 = inactive event used as reset condition.
1 = active event used as reset condition.
[6:0]
UNLOCK2[6:0]
R/W
Defines the second event that must be detected to unlock the keypad after LOCK_EN has been set.
EXT_LOCK_EVENT Register 0x35
Table 61. EXT_LOCK_EVENT Bit Descriptions
Bits
Name
R/W
Description
7
EXT_LOCK_STATE
R/W
Defines which state the lock event should be.
For key events:
0 = not applicable; releases not used for unlock.
1 = press is used as unlock event.
For GPIs and logic outputs configured for FIFO updates:
0 = inactive event used as reset condition.
1 = active event used as reset condition.
[6:0]
EXT_LOCK_EVENT[6:0]
R/W
Defines an event that can lock the keypad.
When this event is detected, LOCK_INT is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com