| Moteur de recherche de fiches techniques de composants électroniques |
|
ADP5589ACBZ-00-R7 Fiches technique(PDF) 23 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5589ACBZ-00-R7 Fiches technique(HTML) 23 Page - Analog Devices |
|
23 / 52 page ![]() Data Sheet ADP5589 Rev. B | Page 23 of 52 DETAILED REGISTER DESCRIPTIONS Note: N/A throughout this section means not applicable. Note: All registers default to 0000 0000 unless otherwise specified. ID Register 0x00 Table 7. ID Bit Descriptions Bits Name R/W Description [7: 4] MAN_ID R Manufacturer ID, default = 0001. [3:0] REV_ID R Rev ID. Default = 0001 XXXX INT_STATUS Register 0x01 Table 8. INT_STATUS Bit Descriptions Bits Name R/W Description [7: 6] N/A Reserved. 5 LOGIC2_INT R/W 0 = no interrupt. 1 = interrupt due to a general Logic 2 condition. Write a 1 to this bit to clear it. 4 LOGIC1_INT R/W 0 = no interrupt. 1 = interrupt due to a general Logic 1 condition. Write a 1 to this bit to clear it. 3 LOCK_INT R/W 0 = no interrupt. 1 = interrupt due to a lock/unlock condition. The user can read LOCK_STAT (0x02[5]) to determine if LOCK_INT is due to a lock or unlock event. If LOCK_STAT = 1, LOCK_INT is due to a lock event. If LOCK_STAT = 0, LOCK_INT is due to an unlock event. Write a 1 to this bit to clear it. If lock mode is enabled via the software bit LOCK_EN (0x37[0]), a LOCK_INT is not generated because the processor knows it just enabled lock mode. If lock mode is disabled (while locked) via the software bit LOCK_EN, a LOCK_INT is not generated because the processor knows it just disabled lock mode. 2 OVRFLOW_INT R/W 0 = no interrupt. 1 = interrupt due to an overflow condition. Write a 1 to this bit to clear it. 1 GPI_INT R/W 0 = no interrupt. 1 = interrupt due to a general GPI condition. This bit is not set by a GPI that has been configured to update the FIFO and event count. Write a 1 to this bit to clear it. This bit cannot be cleared until all GPI_x_INT bits are cleared. 0 EVENT_INT R/W 0 = no interrupt. 1 = interrupt due to key event (press/release), GPI event (GPI programmed for FIFO updates), or Logic 1/Logic 2 event (programmed for FIFO updates).Write a 1 to this bit to clear it. Status Register 0x02 Table 9. Status Bit Descriptions Bits Name R/W Description 7 LOGIC2_STAT R 0 = output from Logic Block 2. (LY2) is low. 1 = output from Logic Block 2. (LY2) is high. 6 LOGIC1_STAT R 0 = output from Logic Block 1 (LY1) is low. 1 = output from Logic Block 1 (LY1) is high. 5 LOCK_STAT R 0 = unlocked. 1 = locked. [4:0] EC[4:0] R Event count value. Indicates how many events are currently stored on the FIFO. |