Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP5585ACBZ-00-R7 Fiches technique(PDF) 17 Page - Analog Devices

No de pièce ADP5585ACBZ-00-R7
Description  Keypad Decoder and I/O Expansion
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP5585ACBZ-00-R7 Fiches technique(HTML) 17 Page - Analog Devices

Back Button ADP5585ACBZ-00-R7 Datasheet HTML 13Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 14Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 15Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 16Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 17Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 18Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 19Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 20Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
Data Sheet
ADP5585
Rev. C | Page 17 of 40
REGISTER MAP
Table 6.
Reg
Add
Reg
Name
R/W1 Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x00
ID
R
MAN_ID
REV_ID
0x01
INT_STATUS
R/W
Reserved
LOGIC_INT
Reserved
OVRFLOW_
INT
GPI_INT
EVENT_INT
0x02
Status
R
Reserved
LOGIC_STAT
Reserved
EC[4:0]
0x03
FIFO_1
R
EVENT1_STATE
EVENT1_IDENTIFIER[6:0]
0x04
FIFO_2
R
EVENT2_STATE
EVENT2_IDENTIFIER[6:0]
0x05
FIFO_3
R
EVENT3_STATE
EVENT3_IDENTIFIER[6:0]
0x06
FIFO_4
R
EVENT4_STATE
EVENT4_IDENTIFIER[6:0]
0x07
FIFO_5
R
EVENT5_STATE
EVENT5_IDENTIFIER[6:0]
0x08
FIFO_6
R
EVENT6_STATE
EVENT6_IDENTIFIER[6:0]
0x09
FIFO_7
R
EVENT7_STATE
EVENT7_IDENTIFIER[6:0]
0x0A FIFO_8
R
EVENT8_STATE
EVENT8_IDENTIFIER[6:0]
0x0B
FIFO_9
R
EVENT9_STATE
EVENT9_IDENTIFIER[6:0]
0x0C
FIFO_10
R
EVENT10_STATE
EVENT10_IDENTIFIER[6:0]
0x0D FIFO_11
R
EVENT11_STATE
EVENT11_IDENTIFIER[6:0]
0x0E
FIFO_12
R
EVENT12_STATE
EVENT12_IDENTIFIER[6:0]
0x0F
FIFO_13
R
EVENT13_STATE
EVENT13_IDENTIFIER[6:0]
0x10
FIFO_14
R
EVENT14_STATE
EVENT14_IDENTIFIER[6:0]
0x11
FIFO_15
R
EVENT15_STATE
EVENT15_IDENTIFIER[6:0]
0x12
FIFO_16
R
EVENT16_STATE
EVENT16_IDENTIFIER[6:0]
0x13
GPI_INT_
STAT_A
R
Reserved
GPI_6_INT
GPI_5_INT
GPI_4_INT
GPI_3_INT
GPI_2_INT
GPI_1_INT
0x14
GPI_INT_
STAT_B
R
Reserved
GPI_11_INT
GPI_10_INT
GPI_9_INT
GPI_8_INT
GPI_7_INT
0x15
GPI_STATUS_A
R
Reserved
GPI_6_STAT GPI_5_STAT
GPI_4_STAT
GPI_3_STAT
GPI_2_STAT
GPI_1_STAT
0x16
GPI_STATUS_B
R
Reserved
GPI_11_STAT
GPI_10_STAT GPI_9_STAT
GPI_8_STAT
GPI_7_STAT
0x17
R_PULL_
CONFIG_A
R/W
R3_PULL_CFG
R2_PULL_CFG
R1_PULL_CFG
R0_PULL_CFG
0x18
R_PULL_
CONFIG_B
R/W
Reserved
R5_PULL_CFG
R4_PULL_CFG
0x19
R_PULL_
CONFIG_C
R/W
C3_PULL_CFG
C2_PULL_CFG
C1_PULL_CFG
C0_PULL_CFG
0x1A R_PULL_
CONFIG_D
R/W
Reserved
C4_PULL_CFG
0x1B
GPI_INT_
LEVEL_A
R/W
Reserved
GPI_6_
INT_LEVEL
GPI_5_
INT_LEVEL
GPI_4_
INT_LEVEL
GPI_3_
INT_LEVEL
GPI_2_
INT_LEVEL
GPI_1_
INT_LEVEL
0x1C
GPI_INT_
LEVEL_B
R/W
Reserved
GPI_11_
INT_LEVEL
GPI_10_
INT_LEVEL
GPI_9_
INT_LEVEL
GPI_8_
INT_LEVEL
GPI_7_
INT_LEVEL
0x1D GPI_EVENT_EN_A R/W
Reserved
GPI_6_
EVENT_EN
GPI_5_
EVENT_EN
GPI_4_
EVENT_EN
GPI_3_
EVENT_EN
GPI_2_
EVENT_EN
GPI_1_
EVENT_EN
0x1E
GPI_EVENT_EN_B
R/W
Reserved
GPI_11_
EVENT_EN
GPI_10_
EVENT_EN
GPI_9_
EVENT_EN
GPI_8_
EVENT_EN
GPI_7_
EVENT_EN
0x1F
GPI_INTERRUPT_
EN_A
R/W
Reserved
GPI_6_
INT_EN
GPI_5_
INT_EN
GPI_4_
INT_EN
GPI_3_
INT_EN
GPI_2_
INT_EN
GPI_1_
INT_EN
0x20
GPI_INTERRUPT_
EN_B
R/W
Reserved
GPI_11_
INT_EN
GPI_10_
INT_EN
GPI_9_
INT_EN
GPI_8_
INT_EN
GPI_7_
INT_EN
0x21
DEBOUNCE_
DIS_A
R/W
Reserved
GPI_6_
DEB_DIS
GPI_5_
DEB_DIS
GPI_4_
DEB_DIS
GPI_3_
DEB_DIS
GPI_2_
DEB_DIS
GPI_1_
DEB_DIS
0x22
DEBOUNCE_
DIS_B
R/W
Reserved
GPI_11_
DEB_DIS
GPI_10_
DEB_DIS
GPI_9_
DEB_DIS
GPI_8_
DEB_DIS
GPI_7_
DEB_DIS
0x23
GPO_DATA_
OUT_A
R/W
Reserved
GPO_6_
DATA
GPO_5_
DATA
GPO_4_
DATA
GPO_3_
DATA
GPO_2_
DATA
GPO_1_
DATA
0x24
GPO_DATA_
OUT_B
R/W
Reserved
GPO_11_
DATA
GPO_10_
DATA
GPO_9_
DATA
GPO_8_
DATA
GPO_7_
DATA
0x25
GPO_OUT_
MODE_A
R/W
Reserved
GPO_6_
OUT_MODE
GPO_5_
OUT_MODE
GPO_4_
OUT_MODE
GPO_3_
OUT_MODE
GPO_2_
OUT_MODE
GPO_1_
OUT_MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40