Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F5671CDDLE Fiches technique(PDF) 13 Page - Renesas Technology Corp

No de pièce R5F5671CDDLE
Description  120-MHz 32-bit RX MCU, on-chip double-precision FPU, 707 CoreMark, up to 2-MB flash memory (supporting the dual bank function), 384-KB SRAM, various communications interfaces, including SD host interface, Quad SPI, and CAN, Capacitive touch sensing unit,
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDLE Fiches technique(HTML) 13 Page - Renesas Technology Corp

Back Button R5F5671CDDLE Datasheet HTML 9Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 10Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 11Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 12Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 13Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 14Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 15Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 16Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 178 page
background image
RX671 Group
1. Overview
R01DS0373EJ0110 Rev.1.10
Page 13 of 178
Apr 15, 2022
Note 1. Only supports the function controller.
Clock frequency accuracy measurement circuit
(CAC)
Available
Trusted Secure IP
Available/Not available
Event link controller (ELC)
Available
Battery backup function
Available
Not available
Backup register
Available
Off-board programming (parallel programmer mode)
Available
Not available
Table 1.2
Comparison of Functions for Different Packages (2/2)
Functions
Products
RX671
Package
145-pin TFLGA
(0.65-mm pitch)
145-pin TFLGA
(0.50-mm pitch)
144-pin LFQFP
100-pin TFLGA
100-pin LFQFP
64-pin TFBGA
64-pin LFQFP
48-pin HWQFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More