Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMSD Fiches technique(PDF) 2 Page - Samtec, Inc

No de pièce SMSD
Description  CAT-EX-74-01 - Extraction Tool
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMTEC [Samtec, Inc]
Site Internet  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

SMSD Fiches technique(HTML) 2 Page - Samtec, Inc

  SMSD Datasheet HTML 1Page - Samtec, Inc SMSD Datasheet HTML 2Page - Samtec, Inc SMSD Datasheet HTML 3Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Instruction Sheet
I
Mini Mate
® Connector Series: MMTS, MMTD, MMTST, MMTDT,
STS-N-005
SMSS and SMSD Series
Rev. A
CAT-EX-74-01 - Extraction Tool
Date: 5/16/2014
Page 2 of 3
This is a controlled document and is subject to change (printed versions are not controlled)
The CC83 Mini Mate ® contact has a retaining lance that can be released through an access window located on
the outside of the housing as shown in Figure 3. The Extraction tool has a tip that is inserted into the
window to depress the lance the correct amount for contact removal.
CAUTION - Do not use any unintended tools to release the lance. This can cause damage to the lance and
weaken its ability to retain the reinserted contact in the housing.
4. EXTRACTION PROCEDURE
The following steps are recommended:
1.
Push the desired lead forward to the bottom of its cavity. This will provide clearance for the lance to
be depressed.
2.
Engage the tip of the Extraction Tool in the lance window as shown in Figure 2 and Figure 3. With
downward pressure, push the tool toward the back of the window to release the lance.
3.
Maintain downward pressure on the tool tip then grip the lead and pull the contact from its cavity.
FIGURE 2



Html Pages

1 2 3