Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM358QT Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce LM358QT
Description  Low-power dual operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM358QT Fiches technique(HTML) 4 Page - STMicroelectronics

  LM358QT Datasheet HTML 1Page - STMicroelectronics LM358QT Datasheet HTML 2Page - STMicroelectronics LM358QT Datasheet HTML 3Page - STMicroelectronics LM358QT Datasheet HTML 4Page - STMicroelectronics LM358QT Datasheet HTML 5Page - STMicroelectronics LM358QT Datasheet HTML 6Page - STMicroelectronics LM358QT Datasheet HTML 7Page - STMicroelectronics LM358QT Datasheet HTML 8Page - STMicroelectronics LM358QT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Package pin connections
LM158, LM258, LM358, LM158A, LM258A,
LM358A
4/25
DocID2163 Rev 15
2
Package pin connections
Figure 2: Pin connections (top view)
1.
The exposed pad of the DFN8 2x2 can be left floating or connected to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25