Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7FA4M2AC3CFP Fiches technique(PDF) 18 Page - Renesas Technology Corp

No de pièce R7FA4M2AC3CFP
Description  Leading-performance 100 MHz Arm Cortex-M33 core, up to 512 KB code flash memory with background operation, 8 KB Data flash memory, and 128 KB SRAM with Parity/ECC.
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA4M2AC3CFP Fiches technique(HTML) 18 Page - Renesas Technology Corp

Back Button R7FA4M2AC3CFP Datasheet HTML 14Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 15Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 16Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 17Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 18Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 19Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 20Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 21Page - Renesas Technology Corp R7FA4M2AC3CFP Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 92 page
background image
Table 1.15
Pin list (3 of 3)
Power, System,
Clock, Debug,
CAC
I/O
ports
Ex. Interrupt SCI/IIC/SPI/CAN/USBFS/QSPI/SSIE/SDHI/MMC
GPT/AGT/RTC
ADC12/DAC12 CTSU
93
—
—
—
P007
—
—
—
AN007
—
94
—
—
—
P006
IRQ11-DS
—
—
AN006
—
95
—
—
—
P005
IRQ10-DS
—
—
AN005
—
96
60
—
—
P004
IRQ9-DS
—
—
AN004
—
97
61
—
—
P003
—
—
—
AN003
—
98
62
46
—
P002
IRQ8-DS
—
—
AN002
—
99
63
47
—
P001
IRQ7-DS
—
—
AN001
—
100
64
48
—
P000
IRQ6-DS
—
—
AN000
—
Note:
Several pin names have the added suffix of _A, _B, and _C. The suffix can be ignored when assigning functionality.
RA4M2 Datasheet
1. Overview
R01DS0367EJ0110 Rev.1.10
Jan 27, 2021
Page 18 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92