Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FS3000 Fiches technique(PDF) 10 Page - Renesas Technology Corp

No de pièce FS3000
Description  Air Velocity Sensor Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS3000 Fiches technique(HTML) 10 Page - Renesas Technology Corp

Back Button FS3000 Datasheet HTML 5Page - Renesas Technology Corp FS3000 Datasheet HTML 6Page - Renesas Technology Corp FS3000 Datasheet HTML 7Page - Renesas Technology Corp FS3000 Datasheet HTML 8Page - Renesas Technology Corp FS3000 Datasheet HTML 9Page - Renesas Technology Corp FS3000 Datasheet HTML 10Page - Renesas Technology Corp FS3000 Datasheet HTML 11Page - Renesas Technology Corp FS3000 Datasheet HTML 12Page - Renesas Technology Corp FS3000 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
FS3000 Datasheet
R36DS0009EU0100 Rev.1.00
May 31, 2022
Page 10
5.3
Calculating Checksum
The checksum used for data integrity is the 2’s complement (negative) of the 256-modulo (8-bit) sum of the data
bytes (does not include I2C address).
Figure 7 shows the 5 bytes read:
Example:
Byte 1, 0xCC (Checksum)
Byte 2, 0x01
Byte 3, 0x99
Byte 4, 0x01 or 0x00
Byte 5, 0x99 or 0x00
The 256-modulo (8-bit) sum is calculated as:
������������������������=0��������01+0��������99+0��������01+0��������99=0��������134
Validating the data payload is done by calculating the sum and adding it to the checksum. If the result is 0x00,
then the data is valid.
��������ℎ������������������������������������������������+������������������������=0������������������������+0��������134=0��������00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13