| Moteur de recherche de fiches techniques de composants électroniques |
|
AP33771 Fiches technique(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AP33771 Fiches technique(HTML) 2 Page - Diodes Incorporated |
|
2 / 2 page ![]() Announcement New Product diodes.com Typical Application Ordering Information Part Number MAX VCC (V) Operating Current (μA) Typical Deep Sleep Current (µA) Current/ Power Control Type Protocol Compatible Typical UVLO Voltage (V) Package AP33771 24 3300 550 Three/One Resistor USB PD3.0 PPS 2.7 W-QFN4040-24 AP33772 24 3300 550 I2C USB PD3.0 PPS 2.7 W-QFN4040-24 Orderable Part Number Compliance Package Code Package Moisture Sensitivity Carrier Quantity AP33771DKZ-13 Standard DKZ W-QFN4040-24 MSL-1 13” Tape & Reel 3000 AP33772DKZ-13 Standard DKZ W-QFN4040-24 MSL-1 13” Tape & Reel 3000 Product Portfolio March 2022 AP33771/ AP33772 |