Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WM8940CGEFL/V Fiches technique(PDF) 6 Page - Cirrus Logic

No de pièce WM8940CGEFL/V
Description  Mono CODEC with Speaker Driver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8940CGEFL/V Fiches technique(HTML) 6 Page - Cirrus Logic

Back Button WM8940CGEFL/V Datasheet HTML 2Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 3Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 4Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 5Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 6Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 7Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 8Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 9Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 88 page
background image
WM8940
6
Rev 4.4
PIN CONFIGURATION
MODE / GPIO
1
2
3
4
5
6
18
17
16
15
14
13
12
11
10
9
8
7
19
20
21
22
23
24
AVDD
AGND
DGND
DCVDD
DBVDD
MICBIAS
SPKGND
MONOOUT
SCLK
SDIN
SPKOUTP
TOP VIEW
ORDERING INFORMATION
ORDER CODE
TEMPERATURE
RANGE
PACKAGE
MOISTURE
SENSITIVITY
LEVEL
PACKAGE BODY
TEMPERATURE
WM8940CGEFL/V
-25
C to +85C
24-lead QFN (4x4x0.9mm)
(Pb-free)
MSL3
260oC
WM8940CGEFL/RV
-25
C to +85C
24-lead QFN (4x4x0.9mm)
(Pb-free, tape and reel)
MSL3
260oC
WM8940KGEFL/V (see Note)
-25
C to +85C
24-lead QFN (4x4x0.9mm)
(Pb-free)
MSL3
260oC
WM8940KGEFL/RV (see Note)
-25
C to +85C
24-lead QFN (4x4x0.9mm)
(Pb-free, tape and reel)
MSL3
260oC
Note:
1.
Order code denotes products associated with PCN-2020-141.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88