Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IPS1025H Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce IPS1025H
Description  High efficiency, high-side switch with extended diagnostics and smart driving for capacitive loads
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS1025H Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button IPS1025H Datasheet HTML 20Page - STMicroelectronics IPS1025H Datasheet HTML 21Page - STMicroelectronics IPS1025H Datasheet HTML 22Page - STMicroelectronics IPS1025H Datasheet HTML 23Page - STMicroelectronics IPS1025H Datasheet HTML 24Page - STMicroelectronics IPS1025H Datasheet HTML 25Page - STMicroelectronics IPS1025H Datasheet HTML 26Page - STMicroelectronics IPS1025H Datasheet HTML 27Page - STMicroelectronics IPS1025H Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Figure 19. PowerSSO-24 tape drawings
Table 18. PowerSSO-24 tape dimension
All dimensions are in mm
Description
Symbol
Value
Tape width
W
24
Tape hole spacing
P0 (± 0.1)
4
Component spacing
P
12
Hole diameter
D (± 0.05)
1.55
Hole diameter
D1 (min.)
1.5
Hole position
F (± 0.1)
11.5
Compartment depth
K (max.)
2.85
Hole spacing
P1 (± 0.1)
2
Note:
According to the Electronic Industries Association (EIA) standard 481 rev. A, Feb 1986.
IPS1025H, IPS1025H-32, IPS1025HQ, IPS1025HQ-32
Packing mechanical data
DS13780 - Rev 3
page 24/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32