| Moteur de recherche de fiches techniques de composants électroniques |
|
MIP0222SY Fiches technique(PDF) 2 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
MIP0222SY Fiches technique(HTML) 2 Page - Panasonic Semiconductor |
|
2 / 2 page ![]() Intelligent Power Devices (IPDs) 2 s Electrical Characteristics (T C = 25 ± 2°C) Parameter Output frequency Maximum duty cycle Minimum duty cycle Control pin charging current Auto-restart threshold voltage Lockout threshold voltage Auto-restart hysteresis voltage Auto-restart duty cycle Auto-restart frequency Self-protection current limit Leading edge blanking delay Current limit delay Thermal shutdown temperature Power-up reset threshold voltage ON-state resistance OFF-state current Breakdown voltage Rise time Fall time Drain supply voltage Shunt regulator voltage Control supply/discharge current Symbol fOSC MAXDC MINDC IC VC(on) VC(off) ∆V C TSW/TTIM fTIM ILIMIT ton(BLK) td(OCL) TOTP VC reset RDS(on) IDSS VDSS tr tf VD(MIN) VC ICD1 ICD2 Conditions IC = 2mA IC = 2mA IC = 10mA VC = 0 VC = 5V IC = 3mA IC = 3mA IC = 3mA ID = 0.025A ID = 0.1A ID = 0.2A ID = 0.3A ID = 0.3A ID = 0.3A ID = 0.3A VDS = 650V, Output MOS FET disabled ID = 0.25mA, Output MOS FET disabled IC = 3mA Output MOS FET enabled Output MOS FET disabled min 90 64 −2.4 −2 5 4 0.5 0.23 0.45 0.9 1.35 1.8 2.25 2.7 130 2.3 700 36 5.4 0.7 0.5 typ 100 67 −1.9 −1.5 5.7 4.7 1 5 1.2 0.25 0.5 1 1.5 2 2.5 3 0.25 0.1 140 3.3 31.2 15 8.5 5.8 4 3.3 2.6 0.01 0.1 0.1 5.7 1.4 0.8 max 110 70 3 −1.2 − 0.8 6.3 5.3 1.5 8 9.28 0.55 1.1 1.65 2.2 2.75 3.3 150 4.2 36 18 10 6.7 5 4 3 0.25 0.2 0.2 6.1 1.8 1.1 Unit kHz % % mA V V V % Hz A µs µs °C V Ω mA V µs µs V V mA mA MIP0221SY/0222SY/0223SY/0224SY/0225SY/0226SY/0227SY Control functions Auto-restart Circuit protection Output Power supply voltage MIP0221SY MIP0222SY MIP0223SY MIP0224SY MIP0225SY MIP0226SY MIP0227SY MIP0221SY MIP0222SY MIP0223SY MIP0224SY MIP0225SY MIP0226SY MIP0227SY |