Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC5-STUDIO Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce SPC5-STUDIO
Description  Predefined gesture detection system based on FlightSense technology sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC5-STUDIO Fiches technique(HTML) 3 Page - STMicroelectronics

  SPC5-STUDIO Datasheet HTML 1Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 2Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 3Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 4Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 5Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 6Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 7Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 8Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2
Schematic diagrams
Figure 2. AEK-SNS-2TOFM1 circuit schematic (1 of 5)
I2C_SCL
I2C_SDA
GPIO1_L
GPIO1_R
XSHUT_L
XSHUT_R
U_ToF_Left-Right
ToF_Left-Right.SchDoc
12Vbatt
U_PS-Regulator
Vbatt
GND
PS-Regulator.SchDoc
CAN4-TX
CAN4-RX
Serial_TX-TTL
Serial_RX-TTL
CAN_H
CAN_L
TX_TTL
RX_TTL
CAN_H
CAL_L
TX_TTL
U_CANplusSERIAL
CAN-SERIAL.SchDoc
RX_TTL
GND
1
2
3
P1
Header-3pin
I2C_SDA
I2C_SCL
GPIO1_L
GPIO1_R
XSHUT_L
XSHUT_R
Serial_TX-TTL
Serial_RX-TTL
CAN4-TX
CAN4-RX
U_MCU
MCU.SchDoc
2
1
J1
691213510002
2
1
J2
61900211121



Html Pages

1 2 3 4 5 6 7 8 9 10