| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC2018 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
MPC2018 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 4 page ![]() Description: MAGIGOO® - Polycarbonate, is an all-in-one 3D printing adhesive that offers sure adhesion with easy release for polycarbonate based filaments. Magigoo Polycarbonate, has been specifically formulated for polycarbonate filaments to ensure that it provides an easy to use solution to reduce warping in FDM/FFF 3D printers. Warping, among other factors, is caused by the differential cooling of a print during the 3D printing process, especially on higher temperature filaments such as polycarbonate. A heated bed could help reduce warping but for printing repeatability and reliability and sure adhesion, MAGIGOO® - Polycarbonate is needed. Technical specifications: ‣ Appearance: clear-faint yellow liquid ‣ Consistency: low viscosity ‣ Solvent:water ‣ Decomposition:Extended periods exceeding >= 130 °C Properties: MAGIGOO® - Polycarbonate, acts as a thermally activated interfacial layer, allowing for better interactions, both at the micro and molecular level, between the printing bed and the printing materials. It is generally recommended to print according to the printing temperatures recommended by the filament supplier. The printing conditions vary between one printer and another. Intended use: To be used on FDM/FFF 3D printers with a heated bed on glass surfaces. Also works when applied on sheets e.g. Kapton, PEI and similar. To be used with Polycarbonate plastics only. 2 info@magigoo.com www.magigoo.com MAGIGOO Thought3D Ltd, Unit2150, KBIC, Kordin Industrial Estate Paola, PLA3000, Malta 1 |