Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MASTERGAN4TR Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce MASTERGAN4TR
Description  High power density 600V half-bridge driver with two enhancement mode GaN Power HEMT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MASTERGAN4TR Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button MASTERGAN4TR Datasheet HTML 4Page - STMicroelectronics MASTERGAN4TR Datasheet HTML 5Page - STMicroelectronics MASTERGAN4TR Datasheet HTML 6Page - STMicroelectronics MASTERGAN4TR Datasheet HTML 7Page - STMicroelectronics MASTERGAN4TR Datasheet HTML 8Page - STMicroelectronics MASTERGAN4TR Datasheet HTML 9Page - STMicroelectronics MASTERGAN4TR Datasheet HTML 10Page - STMicroelectronics MASTERGAN4TR Datasheet HTML 11Page - STMicroelectronics MASTERGAN4TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
5
Suggested footprint
The MASTERGAN4 footprint for the PCB layout is usually defined based on several design factors like assembly
plant technology capabilities and board component density. For easy device usage and evaluation, ST provides
the following footprint design, which is suitable for the largest variety of PCBs.
The following footprint indicates the copper area which should be free from the solder mask, while the copper
area is to extend beyond the indicated areas especially for EP2 and EP3. To aid thermal dissipation, it is
recommended to add thermal vias under these EPADs to transfer and dissipate device heat to the other PCB
copper layers. A PCB layout example is available with the MASTERGAN4 evaluation board.
Figure 6. Suggested footprint (top view drawing)
TOP VIEW
Dimensions in mm
MASTERGAN4
Suggested footprint
DB4419 - Rev 1
page 8/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14