Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VL53L1X Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce VL53L1X
Description  A new generation, long distance ranging Time-of-Flight sensor based on ST’s FlightSense technology
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1X Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button VL53L1X_V01 Datasheet HTML 9Page - STMicroelectronics VL53L1X_V01 Datasheet HTML 10Page - STMicroelectronics VL53L1X_V01 Datasheet HTML 11Page - STMicroelectronics VL53L1X_V01 Datasheet HTML 12Page - STMicroelectronics VL53L1X_V01 Datasheet HTML 13Page - STMicroelectronics VL53L1X_V01 Datasheet HTML 14Page - STMicroelectronics VL53L1X_V01 Datasheet HTML 15Page - STMicroelectronics VL53L1X_V01 Datasheet HTML 16Page - STMicroelectronics VL53L1X_V01 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
DocID031281 Rev 6
13/35
VL53L1X
Functional description
35
2.7
Ranging sequences
The following figure shows the combination of the driver commands and the system states.
Figure 9. Autonomous sequence
Note:
Timing budget and inter measurement timings are the parameters set by the user, using a
dedicated driver function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35