| Moteur de recherche de fiches techniques de composants électroniques |
|
TSZ121ILT Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSZ121ILT Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 6 page ![]() Features • Schematics and applications based on operational amplifiers and comparators: – Follower, inverter, noninverter – Filters – Low-side current sensing – Photodiode transimpedance amplification • Low cost to high-performance low-voltage operational amplifiers: – Rail-to-rail – High bandwidth – Low offset – High output current – Low-power Description The STEVAL-CCA058V1 training kit is intended for hands-on training on operational amplifiers and comparator-based analog circuits. You can use the kit in an academic context for students' training, as well as for professionals' training: junior analog engineers, distributors, and customers. It is also useful for a fast evaluation and prototyping of low frequency op amp-based applications. The STEVAL-CCA058V1 consists of a configurable board, which features the most widely used op-amp-based schematics and applications, and ST op-amps mounted on DIP adaptors. It should be used with a set of through passive components (resistors and capacitors), and a set of lab instruments (power supply, function generator, multimeter, and oscilloscope). The kit allows the trainee to experiment the most common op-amp-based schematics. It also allows learning how to choose the most suited op-amp for a custom application. You can find the detailed documentation on guided experiments at www.st.com. Product summary Training kit for operational amplifiers STEVAL-CCA058V1 Amplifiers TS921IDT/ TSC210ICT/ TSU101ILT/ TSV631ILT/ TSV7721ILT/ TSV791ILT/ TSV991ILT/ TSZ121ILT/ UA741CDT Comparators TS881ILT/ TSX3702IST/ TSX393IST Applications Process and Environment Monitoring Training kit for operational amplifiers and comparators STEVAL-CCA058V1 Data brief DB4654 - Rev 1 - March 2022 For further information contact your local STMicroelectronics sales office. www.st.com |
Numéro de pièce similaire - TSZ121ILT |
|
Description similaire - TSZ121ILT |