| Moteur de recherche de fiches techniques de composants électroniques |
|
TSU101ILT Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSU101ILT Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 6 page ![]() 2 Kit versions Table 1. STEVAL-CCA058V1 kit versions Finished good Schematic diagrams Bill of materials STEVAL$CCA058V1A (1) STEVAL$CCA058V1A schematic diagrams STEVAL$CCA058V1A bill of materials 1. This code identifies the STEVAL-CCA058V1 evaluation kit first version. The kit consist of the STEVAL-CCA058A1 main board, whose version is identified by the code STEVAL$CCA058A1A, and the STEVAL-CCA058B1 op-amp adapter board, whose version is identified by the code STEVAL$CCA058B1A. STEVAL-CCA058V1 Kit versions DB4654 - Rev 1 page 4/6 |